Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS0502SCD33 Datasheet (PDF) - Littelfuse

LS0502SCD33 Datasheet PDF - Littelfuse
Part # LS0502SCD33
Download  LS0502SCD33 Download
File Size   1615.43 Kbytes
Page   10 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Super Capacitor Protection IC for Backup Power Applications

LS0502SCD33 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS0502SCD33 Datasheet PDF - Littelfuse

Part # LS0502SCD33
Download  LS0502SCD33 Click to download

File Size   1615.43 Kbytes
Page   10 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Super Capacitor Protection IC for Backup Power Applications

LS0502SCD33 Datasheet (HTML) - Littelfuse


LS0502SCD33 Product details

Features and Benefits
■ 3.3 V to 5.5 V System Voltage
■ 18 V Input Rating with
Overvoltage Protection
■ Programmable 1.1 V to 5.3 V
Cap Voltage Range
■ Programmable Super
Capacitor Charge Current
■ Programmable Input
Overcurrent Protection
■ Automatic Cell Balancing
■ Automatic Main/Backup Switchover
■ Up to 2 A Discharge Current
■ Programmable Voltage and Current Thresholds
■ ±2 % Threshold Accuracy
■ 2.5 μA Ready Quiescent Current
■ Small Solution Size
■ DFN Package




Similar Part No. - LS0502SCD33

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LS05006VPQ33 LITTELFUSE-LS05006VPQ33 Datasheet
556Kb / 9P
USB Type-C Port CC/SBU Short-to-VBUS Overvoltage Protection
06/13/24
LS0504EDD12 LITTELFUSE-LS0504EDD12 Datasheet
1Mb / 8P
5.5V 4A Low-Ron Power Distribution Load Switch
2022 Littelfuse, Inc.
LS0504EDD12 LITTELFUSE-LS0504EDD12 Datasheet
1Mb / 8P
5.5V 4A Low-Ron Power Distribution Load Switch
06/10/24
LS0504EDD12 LITTELFUSE-LS0504EDD12_V01 Datasheet
1Mb / 8P
5.5V 4A Low-Ron Power Distribution Load Switch
06/10/24
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
More results


Similar Description - LS0502SCD33

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
Battery Backup IC
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
BATTERY BACKUP IC
logo
Mitsumi Electronics, Co...
MM1134 MITSUMI-MM1134 Datasheet
94Kb / 8P
IC for System Reset (battery backup)
logo
Silicon Laboratories
BRD4502A SILABS-BRD4502A Datasheet
1Mb / 16P
Backup Power Domain Capacitor
BRD4502C SILABS-BRD4502C Datasheet
1Mb / 16P
Backup Power Domain Capacitor
BRD4502D SILABS-BRD4502D Datasheet
1Mb / 16P
Backup Power Domain Capacitor
BRD4503A SILABS-BRD4503A Datasheet
1Mb / 16P
Backup Power Domain Capacitor
BRD4503B SILABS-BRD4503B Datasheet
1Mb / 16P
Backup Power Domain Capacitor
BRD4504B SILABS-BRD4504B Datasheet
1Mb / 13P
Backup Power Domain Capacitor
BRD4505B SILABS-BRD4505B Datasheet
1Mb / 16P
Backup Power Domain Capacitor
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com