Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS0502SCD33 Datasheet(PDF) 5 Page - Littelfuse

Part # LS0502SCD33
Description  Super Capacitor Protection IC for Backup Power Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS0502SCD33 Datasheet(HTML) 5 Page - Littelfuse

  LS0502SCD33 Datasheet HTML 1Page - Littelfuse LS0502SCD33 Datasheet HTML 2Page - Littelfuse LS0502SCD33 Datasheet HTML 3Page - Littelfuse LS0502SCD33 Datasheet HTML 4Page - Littelfuse LS0502SCD33 Datasheet HTML 5Page - Littelfuse LS0502SCD33 Datasheet HTML 6Page - Littelfuse LS0502SCD33 Datasheet HTML 7Page - Littelfuse LS0502SCD33 Datasheet HTML 8Page - Littelfuse LS0502SCD33 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Protection IC Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: JC. 08/12/24
LS0502SCD33
Super Capacitor Protection IC for Backup Power Applications
5
Figure 1 : Charger Current vs. VCAP Voltage
200
240
280
320
360
400
1
02
34
5
VCAP (V)
I
CHG vs. VCAP (RCHG = 12 k
)
Figure 2 : Charger Current vs. VCAP Voltage
0
40
80
120
160
200
012345
VCAP (V)
I
CHG vs. VCAP (RCHG = 38.3 k)
Typical Performance Characteristics (CIN = 22 µF, CSYS = 22 µF, RLIMT = 13 kΩ, RCHG = 12 kΩ, TA = +25 °C)
Figure 3 : Charger VIN Power on
Figure 4 : Charger VIN Power off
VCAP
VSYS
1 V/div
1V/div
10 ms/div
VIN = 5 V
ICHG = 0.3 A
ISYS = 0.5 A
PFLTB
IIN
2 V/div
500 mA/div
VCAP
VSYS
1 V/div
1 V/div
VIN = 5 V
1 ms/div
ICHG = 0.3 A
ISYS = 0.5 A
PFLTB
IIN
2 V/div
500 mA/div
Figure 5 : Charging Time (SuperCap1 = SuperCap2 = 20 F)
Figure 6 : Discharger Time (SuperCap1 = SuperCap2 = 20 F)
VCAP
VSYS
1 V/div
1 V/div
VIN= 5 V
20 s/div
ICHG = 0.3 A
ISYS = 0.5 A
PFLTB
IIN
2 V/div
500 mA/div
VCAP
VSYS
1 V/div
1 V/div
20 s/div
VIN = 5 V
ICHG = 0.3 A
ISYS = 0.5 A
PFLTB
IIN
2 V/div
500 mA/div



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com