Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS0502SCD33 Datasheet(PDF) 1 Page - Littelfuse

Part # LS0502SCD33
Description  Super Capacitor Protection IC for Backup Power Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS0502SCD33 Datasheet(HTML) 1 Page - Littelfuse

  LS0502SCD33 Datasheet HTML 1Page - Littelfuse LS0502SCD33 Datasheet HTML 2Page - Littelfuse LS0502SCD33 Datasheet HTML 3Page - Littelfuse LS0502SCD33 Datasheet HTML 4Page - Littelfuse LS0502SCD33 Datasheet HTML 5Page - Littelfuse LS0502SCD33 Datasheet HTML 6Page - Littelfuse LS0502SCD33 Datasheet HTML 7Page - Littelfuse LS0502SCD33 Datasheet HTML 8Page - Littelfuse LS0502SCD33 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Protection IC Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: JC. 08/12/24
LS0502SCD33
Super Capacitor Protection IC for Backup Power Applications
1
Features and Benefits
RoHS Pb
Description
The LS0502SCD33 is a complete solution for system with backup
storage capacitor or capacitor bank. It integrates input overvoltage,
overcurrent protection circuit, a reverse blocking switch and super
capacitor charging control circuit. It also has built-in cell balance to
provide protection over two cell super capacitor system.
When the main supply is present and above the minimum system
supply voltage, system will draw power from input supply. At the
same time, integrated linear charger charges the storage element
at up to 300 mA current. Once the storage element is charged, the
circuit draws only 2.5 μA of current while it maintains the super
capacitor or other storage element in its ready state. When the
main supply is removed, the integrated reverse blocking switch
will block current flow from system rail to input. The linear charger
will be turned on to provide power to system rail with low
resistance path with up to 2 A current.
Integrated cell balancing circuit will keep monitoring the cell
voltage when charging and keep the two cells voltage at same
level.
The LS0502SCD33 is externally programmable for input current
limit, input overvoltage, charge current limit, and charge voltage
limit. It provides a flag signal when input supply is unplugged so
that main system can taking action.LS0502SCD33 is available in
DFN3X3-10 package.
■ 3.3 V to 5.5 V System Voltage
■ 18 V Input Rating with
Overvoltage Protection
■ Programmable 1.1 V to 5.3 V
Cap Voltage Range
■ Programmable Super
Capacitor Charge Current
■ Programmable Input
Overcurrent Protection
■ Automatic Cell Balancing
■ Automatic Main/Backup
Switchover
■ Up to 2 A Discharge Current
■ Programmable Voltage and
Current Thresholds
■ ±2 % Threshold Accuracy
■ 2.5 μA Ready Quiescent
Current
■ Small Solution Size
■ DFN Package
Applications
■ Handheld Industrial
Equipment
■ Dash Camera
■ IoT
■ SmartMeter
■ Portable Device with
Removable Battery
Functional Block Diagram
VIN
USB 5 V
VSYS
VIN
PFB
ILIMT
GND
VSYS
VCAP
VMID
CFB
ICHG
Super Capacitor
C
IN
Super Capacitor
22 F
C
SYS
22 F
R
LIMT
13 k
R
CHG
12 k
R
PFB_TOP
50 k
R
PFLTB
R
PFB_BOT
R
CFB_TOP
R
CFB_BOT
LS0502SCD33
C
CFB_TOP
22 pF
PFLTB
Super Capacitor Protection IC
for Backup Power Applications
Typical Applications
VIN
VCAP
VSYS
GND
ControlLogic
BALEN
+
ICHG
PFLTB
VINFLT
ChargePump
ILIMIT
Charge Current Set
Input OC Set
VCOV
CAPOV
+
BAL
VCAP-BAL
+
VREF
CFB
CHG
+
VREF
IOV
IUV
PFB
BodyCtrl
GateCtrl
M1
M2
M3
VMID


Similar Part No. - LS0502SCD33

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LS05006VPQ33 LITTELFUSE-LS05006VPQ33 Datasheet
556Kb / 9P
USB Type-C Port CC/SBU Short-to-VBUS Overvoltage Protection
06/13/24
LS0504EDD12 LITTELFUSE-LS0504EDD12 Datasheet
1Mb / 8P
5.5V 4A Low-Ron Power Distribution Load Switch
2022 Littelfuse, Inc.
LS0504EDD12 LITTELFUSE-LS0504EDD12 Datasheet
1Mb / 8P
5.5V 4A Low-Ron Power Distribution Load Switch
06/10/24
LS0504EDD12 LITTELFUSE-LS0504EDD12_V01 Datasheet
1Mb / 8P
5.5V 4A Low-Ron Power Distribution Load Switch
06/10/24
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
More results

Similar Description - LS0502SCD33

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
Battery Backup IC
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
BATTERY BACKUP IC
logo
Mitsumi Electronics, Co...
MM1134 MITSUMI-MM1134 Datasheet
94Kb / 8P
IC for System Reset (battery backup)
logo
Silicon Laboratories
BRD4502A SILABS-BRD4502A Datasheet
1Mb / 16P
Backup Power Domain Capacitor
BRD4502C SILABS-BRD4502C Datasheet
1Mb / 16P
Backup Power Domain Capacitor
BRD4502D SILABS-BRD4502D Datasheet
1Mb / 16P
Backup Power Domain Capacitor
BRD4503A SILABS-BRD4503A Datasheet
1Mb / 16P
Backup Power Domain Capacitor
BRD4503B SILABS-BRD4503B Datasheet
1Mb / 16P
Backup Power Domain Capacitor
BRD4504B SILABS-BRD4504B Datasheet
1Mb / 13P
Backup Power Domain Capacitor
BRD4505B SILABS-BRD4505B Datasheet
1Mb / 16P
Backup Power Domain Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com