Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS0502SCD33 Datasheet(PDF) 7 Page - Littelfuse

Part # LS0502SCD33
Description  Super Capacitor Protection IC for Backup Power Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS0502SCD33 Datasheet(HTML) 7 Page - Littelfuse

Back Button LS0502SCD33 Datasheet HTML 2Page - Littelfuse LS0502SCD33 Datasheet HTML 3Page - Littelfuse LS0502SCD33 Datasheet HTML 4Page - Littelfuse LS0502SCD33 Datasheet HTML 5Page - Littelfuse LS0502SCD33 Datasheet HTML 6Page - Littelfuse LS0502SCD33 Datasheet HTML 7Page - Littelfuse LS0502SCD33 Datasheet HTML 8Page - Littelfuse LS0502SCD33 Datasheet HTML 9Page - Littelfuse LS0502SCD33 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Protection IC Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: JC. 08/12/24
LS0502SCD33
Super Capacitor Protection IC for Backup Power Applications
7
Description
For applications which require backup power in harsh environment, Lithium-Ion battery cannot be used due to limited temperature range.
Super capacitor with wide operating temperature range and high power/energy density, provides a safe and compact solution. For many
systems, the high operating voltage (>3 V) requires a power management system for super capacitor with two stacked cells or use a
BOOST converter with inductor. Many systems also require long standby time (weeks of time), this need can only be realized with very
low quiescent current.
LS0502SCD33 provides a flexible, integrated and compact storage capacitor or capacitor bank backup solution with extensive protection
function to ensure a safe, efficient, compact and low cost solution for these applications. LS0502SCD33 integrates input overvoltage/
current protection to prevent damage to following system. It also integrates an ideal diode for reverse blocking when input voltage is lost.
LS0502SCD33 integrates a linear charger to charge super capacitor with as high as 350 mA current to achieve fast and safe charging. The
charging devices also act as power path control switch. When input power is lost, this switch can be turned on to keep the system rail
stable in backup mode. In backup mode, quiescent current draw from super capacitor is only 2.5 μA. This ensures very long standby time
of the system with low capacitance super capacitor.
LS0502SCD33 integrates a programmable Input voltage monitor. When input voltage drops below certain voltage set by resistor divider
connected to PFB pin, a flag signal on PFLTB will inform the following system about the event so that preventative actions can be taken
like process and save data in DRAM. With 2 super capacitors in stack, LS0502SCD33 integrates cell balancing function. During charging
mode, voltage between two stack capacitor is compared with half of total capacitor voltage. Current is diverted to keep these two voltages
close to each other. LS0502SCD33 also integrates cell monitoring and protection circuit. This circuit monitors voltage for each capacitor.
During charging mode, if any capacitor voltage reaches 2.65 V, charging will be stopped until this fault is gone. Same way, during discharge
mode, if any of the capacitor voltage drop below ground, discharging will be stopped to protect the capacitors.
Figure 12 : Charger Mode VSYS Short
Figure 13 : Charger Mode VSYS Short Recovery
VCAP
VSYS
1 V/div
1 V/div
VIN = 5 V
10 ms/div
ICHG= 0.3 A
PFLTB
ISYS = 0 A~short
IIN
1 V/div
1 A/div
VCAP
VSYS
1 V/div
1 V/div
VIN = 5 V
10 ms/div
ICHG = 0.3 A
ISYS = short~0 A
PFLTB
IIN
1 V/div
1 A/div
Figure 14 : Discharge Mode VSYS Short
Figure 15 : Discharge Mode VSYS Short Recovery
VCAP
VSYS
1 V/div
1 V/div
4 ms/div
ISYS = short~0 A
VCAP
VSYS
1 V/div
1 V/div
ISYS = 0 A~short
1 ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com