Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 166 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 166 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 162Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 163Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 164Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 165Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 166Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 167Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 168Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 169Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 170Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-164
(5) Restart
Restart is used to change the direction of data transfer between a master device and
a slave device during transferring data. The following explains how to restart the
TMP93CS44/S45.
Clear 0 to the <MST>, <TRX>, and <BB> and set 1 to the <PIN>. The SDA pin
retains the high level and the SCL pin is released. Since a stop condition is not
generated on the bus, the bus is assumed to be in a busy state from other devices. And
confirm SCL pin, that SCL pin is released and become bus-free state by SBISR<BB>
=
“0” or signal level “1” of SCL pin in port mode. Test the <LRB> until it becomes 1 to
check that the SCL line of the bus is not set to low level by other devices. After
confirming that the bus stays in a free state, generate a start condition with procedure
(2).
In order to meet setup time when restarting, take at least 4.7
µs of waiting time by
software from the time of restarting to confirm that the bus is free until the time to
generate the start condition.
Figure 3.10.17 Timing Diagram when Restarting the TMP93CS44/S45
<LRB>
SCL (Bus)
SCL pin
SDA pin
<PIN>
4.7
µs (Min)
<BB>
Start condition
“0”
→ <MST>
“0”
→ <TRX>
“0”
→ <BB>
“1”
→ <PIN>
“1”
→ <MST>
“1”
→ <TRX>
“1”
→ <BB>
“1”
→ <PIN>
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com