Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 163 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 163 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 159Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 160Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 161Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 162Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 163Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 164Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 165Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 166Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 167Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-161
In order to terminate the transmitting data to the transmitter, set <ACK> to 0
before reading data which is 1 word before the last data to be received. The last
data does not generate a clock pulse for the acknowledge signal. After the data is
transmitted and an interrupt request has occurred, set <BC2:0> to 001 and read
the data. The TMP93CS44/S45 generates a clock pulse for a 1-bit data transfer.
Since the master device is a receiver, the SDA line of the bus keeps the high level.
The transmitter receives the high-level signal as the ACK signal. The receiver
indicates to the transmitter that data transfer is complete.
After 1-bit data is received and the interrupt request has occurred, the
TMP93CS44/S45 generates the stop condition and terminates data transfer.
Figure 3.10.15 Termination of Data Transfer in Master Receiver Mode
1
2
3
456781
D7
D6
D5
D4
D3
D2
D1
D0
Acknowledge signal
sent to a transmitter
SCL pin
SDA pin
<PIN>
INTS2
interrupt request
"001"
→ <BC2:0>
Read SBIDBR
“0”
→ <ACK> Read SBIDBR
Output of master
Output of slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com