Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 161 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 161 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 157Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 158Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 159Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 160Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 161Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 162Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 163Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 164Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 165Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-159
(3) 1-word data transfer
Test SBISR<MST> by the INTS2 interrupt process after a 1-word data transfer is
completed, and determine whether the mode is a master or slave.
1. When <MST> is “1” (Master mode)
Test SBISR<TRX> and determine whether the mode is a transmitter or
receiver.
When <TRX> is “1” (Transmitter mode)
Check SBISR<LRB>. When <LRB> is 1, a receiver does not request data.
Implement the process to generate the stop condition (Described later) and
terminate data transfer.
When <LRB> is 0, the receiver requests new data. When the next transmitted
data is 8 bits, write it to the SBIDBR. When the next transmitted data is other
than 8 bits, set SBICR1<BC2:0>, set SBICR1<ACK> to 1, and write the
transmitted data to the SBIDBR. After writing the data, SBISR<PIN> becomes 1,
the serial clock pulse is generated for transferring a new 1 word of data from the
SCL pin, and then the 1-word data is transmitted. After the data is transmitted,
the INTS2 interrupt request occurs. <PIN> becomes 0 and the SCL pin is set to
the low level. If the data to be transferred is more than one word in length, repeat
the procedures from <LRB> test mentioned above.
Figure 3.10.13 Example of when <BC2:0> = “000”, <ACK> = “1” (Transmitter mode)
When <TRX> is “0” (Receiver mode)
When the next transmitted data is other than 8 bits, set SBICR1<BC2:0> again.
Set <ACK> to 1 and read the received data from the SBIDBR to release the SCL
line. The read data is undefined immediately after the slave address is set. After
the data is read, <PIN> becomes 1. Serial clock pulse for transferring new 1 word
of data is defined SCL and outputs “L” level from SDA pin with acknowledge
timing.
The INTS2 interrupt request then occurs and <PIN> becomes 0. The SCL pin is
set to the low level. The TMP93CS44/S45 outputs a clock pulse for 1 word of data
transfer and the acknowledge signal each time that received data is read from the
SBIDBR.
1
2
345678
9
D7
D6
D5
D4
D3
D2
D1
D0
Acknowledge signal
from a receiver
Write to SBIDBR
SCL pin
SDA pin
<PIN>
INTS2
interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com