Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 159 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 159 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 155Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 156Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 157Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 158Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 159Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 160Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 161Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 162Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 163Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-157
Figure 3.10.11 Noise Detection Monitor
(11) Slave address match detection monitor
SBISR<AAS> is set to 1 in the slave mode, in the address recognition mode (I2CAR
<ALS>
= 0) when receiving the GENERAL CALL or the slave address with the same
value that is set to the I2CAR. When <ALS> is 1, <AAS> is set to 1 after receiving the
first 1 word of data. <AAS> is set to 0 by writing/reading data to/from a data buffer
register.
(12) GENERAL CALL detection monitor
SBISR<AD0> is set to 1 in the slave mode, when the GENERAL CALL is received
(All 8-bit data are 0 after the start condition). <AD0> is set to 0 when the start or stop
condition is detected on a bus.
(13) Last received bit monitor
The SDA line value stored at the rising edge of the SCL line is sent to SBISR<LRB>.
In the acknowledge mode, immediately after the INTS2 interrupt request is generated,
the acknowledge signal is read by reading the contents of <LRB>.
(14) Software reset function
Software reset function is used to initialize the SBI which is rocked by external noise,
etc. When SBICR3<SWRST> is set to 1, the internal reset signal pulse is generated
and inputted into the SBI circuit.
All command registers and state registers are initialized to initial values. <SWRST>
is automatically set to 0 after the SBI circuit is initialized.
(15) Serial bus interface data buffer register (SBIDBR)
The SBIDBR register can read out the receiving data and write the sending data.
After the start condition generated in the master mode, set the slave address and the
direction bit in this register.
(16) I2C bus address register (I2CAR)
I2CAR<SA6:0> sets the slave address when the TMP93CS44/S45 are operated as the
slave devices. Setting I2CAR<ALS>
= 0, the slave address output from master device is
recognized, and the data format is changed to the addressing format. Setting
I2CAR<ALS>
= 1, the slave address is not recognized, and the data format is changed
to the free data format.
Noise detection
Noise
SCL (Bus)
SDA pin
SDA (Bus)
<AL>
<MST>
<TRX>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com