Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 155 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 155 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 151Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 152Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 153Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 154Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 155Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 156Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 157Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 158Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 159Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-153
(1) Acknowledge mode specification
Set SBICR1<ACK> to “1” for operation in the acknowledge mode. The
TMP93CS44/S45 generates an additional clock pulse for an acknowledge signal when
operating in the master mode. In the transmitter mode during the clock pulse cycle, the
SDA pin is released in order to receive the acknowledge signal from the receiver. In the
receiver mode during the clock pulse cycle, the SDA pin is set to the low level in order to
generate the acknowledge signal.
Set <ACK> to 0 for operation in the non-acknowledge mode. The TMP93CS44/S45
does not generate a clock pulse for the acknowledge signal when operating in the
master mode.
In the acknowledgment mode, when the TMP93CS44/S45 is the slave mode, clocks
are counted for the acknowledge signal. During the clock for the acknowledge signal,
when a received slave address matches to a slave address set to the I2CAR or a
GENERAL CALL is received, the SDA pin is set to low level generating an
acknowledge signal.
After a received slave address matches to a slave address set to the I2CAR and a
GENERAL CALL is received, in the transmitter mode during the clock for the
acknowledge signal, the SDA pin is released in order to receive the acknowledge signal
from the receiver. In the receiver mode, the SDA pin is set to low level generating an
acknowledge signal.
In the non-acknowledgment mode, when the TMP93CS44/S45 is the slave mode,
clocks for the acknowledge signal are not counter.
(2) Number of transfer bits
SBICR1<BC2:0> are used to select a number of bits for transmitting and receiving
data.
Since <BC2:0> are cleared to 000 as a start condition, a slave address and direction
bit transmissions are executed in 8 bits. Other than these, <BC2:0> retain a specified
value.
(3) Serial clock
1. Clock source
SBICR1<SCK2:0> are used to select a maximum transfer frequency output on
the SCL pin in the master mode. Set the baud rates, which have been calculated
according to the formula below, to meet the specifications of the I2C bus, such as
the smallest pulse width of tLOW.
Figure 3.10.7 Clock Source
tHIGH
tLOW
1/fscl
tLOW = 2
n/fFPH
tHIGH = 2
n/fFPH + 12/fFPH
fscl
= 1/(tLOW + tHIGH)
=
fFPH
2
× 2n + 12
<SCK2:0>
(Bits 2 to 0 in the SBICR1)
n
000
4
001
5
010
6
011
7
100
8
101
9
110
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com