Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 157 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 157 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 153Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 154Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 155Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 156Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 157Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 158Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 159Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 160Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 161Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-155
(6) Transmitter/receiver selection
Set SBICR2<TRX> to 1 for operating the TMP93CS44/S45 as a transmitter. Set
<TRX> to 0 for operation as a receiver. When data with an addressing format is
transferred in the slave mode, when a slave address with the same value that an
I2CAR or the GENERAL CALL is received (All 8-bit data are 0 after the start
condition), <TRX> is set to 1 by the hardware if the direction bit (R/W) sent from the
master device is 1, and is set to 0 by the hardware if the bit is 0. In the master mode,
after the acknowledge signal is returned from the slave device, <TRX> is set to 0 by the
hardware if a transmitted direction bit is 1, and set to 1 by the hardware if it is 0. When
the acknowledge signal is not returned, the current condition is maintained.
<TRX> is cleared to 0 by the hardware after the stop condition on the I2C bus is
detected.
The following shows <TRX> change conditions in each mode and <TRX> after
changing.
Mode
Direction Bit
Change Condition
<TRX> after
Changing
0
0
Slave Mode
1
A received slave address is the same as
a value set to I2CAR.
1
0
1
Master Mode
1
ACK signal is returned.
0
When the TMP93CS44/S45 operates in the free data format, the slave address and
the direction bit are not recognized. They are handled as data just after generating a
start condition. The TRX was not changed by the hardware.
(7) Start/stop condition generation
When SBICR2<BB> is 0, the start condition and slave address and direction bit are
output by writing 1 to SBICR2<MST, TRX, BB, PIN>. It is necessary to set 1 to
SBICR1<ACK> beforehand.
Figure 3.10.9 Start Condition Generation and Slave Address Generation
When SBICR2<BB> is 1, a sequence of generating the stop condition is started by
writing 1 to <MST, TRX, PIN> and 0 to <BB>. Do not modify the contents of <MST,
TRX, BB, PIN> until the stop condition is generated on a bus.
When a stop condition is generated and the SCL line on the bus is set to low level by
another device, a stop condition is generated after releasing the SCL line.
1
2
345678
9
A6
A5
A4
A3
A2
A1
A0R/ W
Slave address and the direction bit
Acknowledge signal
Start condition
SCL line
SDA line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com