Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 160 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 160 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 156Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 157Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 158Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 159Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 160Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 161Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 162Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 163Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 164Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-158
3.10.5
Data Transfer in I
2C Bus Mode
(1) Device initialization
First, set SBICR1<ACK, SCK2:0>. Specify 0 to bits 7 to 5 and 3 in the SBICR1.
Set the slave address <SA6:0> and <ALS> to I2CAR (<ALS>
= 0 when the
addressing format).
Subsequently, set 0 to <MST, TRX, BB>; 1 to <PIN>; 10 to <SBIM1:0>; and 0 to bits 0
and 1 in the SBICR2. The slave receiver mode is set.
Note:
The initialization of the serial bus interface circuit must be complete within the time
from all devices which are connected to the bus have initialized to any device does
not generate a start condition. If not, there is a possibility that another device starts
transferring before an end of the initialization of the serial bus interface circuit. Data
can not be received correctly.
(2) Start condition and slave address generation
Confirm a bus free status (when SIBSR<BB>
= 0).
Set the SBICR1<ACK> to 1 and specify a slave address and a direction bit to be
transmitted to the SBIDBR.
When the SBISR<BB> is 0, the start condition are generated and the slave address
and the direction bit which are set to the SBIDBR are output on a bus by wiring 1 to
the SBICR2<MST, TRX, BB> and PIN. An INTS2 interrupt request occurs at the 9th
falling edge of the SCL clock cycle, and the <PIN> is cleared to 0. The SCL pin is pulled
down to the low-level while the <PIN> is 0. When an interrupt request occurs, the
<TRX> changes by the hardware according to the direction bit only when an
acknowledge signal is returned from the slave device.
Note : Do not write a slave address to be output to the SBIDBR while data are transferred.
If data is written to the SBIDBR, data to been outputting may be destroyed.
Figure 3.10.12 Start Condition Generation and Slave Address Transfer
1
2
345678
9
A6
A5
A4
A3
A2
A1
A0R/ W
Slave address
+ Direction bit
Acknowledge signal
from a slave device
Start condition
SCL pin
SDA pin
<PIN>
INTS2
interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com