Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 156 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 156 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 152Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 153Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 154Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 155Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 156Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 157Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 158Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 159Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 160Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-154
2. Clock synchronization
The I2C bus has a clock synchronization function to meet the transfer speed to a
slow processing device when a transfer is performed between device which have
different process speed.
The clock synchronization functions when the SCL pin is high level and the SCL
line of the bus is low level in the serial bus interface circuit. The serial bus
interface circuit waits counting a clock pulse in high level until the SCL line of the
bus is high level. When the SCL line of the bus is high level, the serial bus
interface circuit starts counting during high level. The clock synchronization
function holds clocks which are output from the serial interface circuit to be high
level.
The slave device can stop the clock output of the master device on one word or
one bit basis.
Additionally, the transfer speed by the master device matches to the process
speed of the slave device.
Figure 3.10.8 Clock Synchronization
(4) Slave address and address recognition mode specification
To operate the TMP93CS44/S45 in the addressing format which recognizes the slave
address, set I2CAR<ALS> to 0 and set the slave address to the I2CAR<SA6:0>.
To operate the serial bus interface circuit in the free data format which does not
recognize the slave address, set <ALS> to 1. When the TMP93CS44/S45 used in the
free data format, the slave address and the direction bit are not recognized. They are
handled as data just after generation of start conditions.
(5) Master/slave selection
Set SBICR2<MST> to 1 for operating the TMP93CS44/S45 as a master device.
<MST> is cleared to 0 by the hardware after a stop condition on a bus is detected.
Wait
Start counting high-level width of a
clock pulse
SCL pin (Master device)
SCL pin (Slave device)
SCL (Bus)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com