Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 191 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 191 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 187Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 188Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 189Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 190Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 191Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 192Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 193Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 194Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 195Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-189
4.
Electrical Characteristics
4.1
Maximum Ratings
(TMP93CS44F, TMP93CS45F)
Parameter
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5 to 6.5
V
Input voltage
VIN
−0.5 to VCC + 0.5
V
Output current (Per 1 pin) P7
IOL1
20
mA
Output current (Per 1 pin) except P7
IOL2
2
mA
Output current (P7 total)
ΣIOL1
80
mA
Output current (Total)
ΣIOL
120
mA
Output current (Total)
ΣIOH
−80
mA
Power dissipation (Ta
= 85 °C)
PD
350
mW
Soldering temperature (10 s)
TSOLDER
260
°C
Storage temperature
TSTG
−65 to 150
°C
Operating temperature
TOPR
−40 to 85
°C
Note:
The maximum ratings are rated values which must not be exceeded during
operation, even for an instant. Any one of the ratings must not be exceeded. If
any maximum rating is exceeded, a device may break down or its performance
may be degraded, causing it to catch fire or explode resulting in injury to the
user. Thus, when designing products which include this device, ensure that no
maximum rating value will ever be exceeded.
4.2
DC Characteristics (1/2)
Ta
= −40 to 85°C
Parameter
Symbol
Condition
Min
Typ. (Note)
Max
Unit
fc
= 4 to 20 MHz
4.5
Power supply voltage
VCC
fc
= 4 to 12.5 MHz
fs
= 30 to
34 kHz
2.7
5.5
V
VCC ≥ 4.5 V
0.8
AD0 to AD15
VIL
VCC < 4.5 V
0.6
Port 2 to port 7
(except P35)
VIL1
0.3 VCC
RESET
, NMI , INT0
VIL2
0.25 VCC
EA
, AM8/
16
AM
VIL3
0.3
Input
low
voltage
X1
VIL4
VCC = 2.7 to 5.5 V
−0.3
0.2 VCC
VCC ≥ 4.5 V
2.2
AD0 to AD 15
VIH
VCC < 4.5 V
2.0
Port 2 to port 7
(except P35)
VIH1
0.7 VCC
RESET
, NMI , INT0
VIH2
0.75 VCC
EA
, AM8/
16
AM
VIH3
VCC − 0.3
Input
high
voltage
X1
VIH4
VCC = 2.7 to 5.5 V
0.8 VCC
VCC + 0.3
V
Output low voltage
VOL
IOL = 1.6 mA
(VCC = 2.7 to 5.5 V)
0.45
V
(VCC = 5 V ± 10%)
16
Output low current (P7)
IOL7
VOL = 1.0 V
(VCC = 3 V ± 10%)
7
mA
VOH1
IOH = −400 µA
(VCC = 3 V ± 10%)
2.4
V
Output high voltage
VOH2
IOH = −400 µA
(VCC = 5 V ± 10%)
4.2
V
Note: Typical values are for Ta
= 25°C and VCC = 5 V unless otherwise noted.
“X” used in an expression shows a cycle of clock fFPH selected
by SYSCR1<SYSCK>. If a clock gear or a low speed oscillator
is selected, a value of “X” is different. The value as an example
is calculated at fc, gear = 1/fc (SYSCR1<SYSCK, GEAR2:0> =
0000).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com