Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 193 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 193 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 189Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 190Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 191Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 192Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 193Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 194Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 195Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 196Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 197Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-191
4.3
AC Characteristics
(1) VCC = 5 V ± 10%
Variable
16 MHz
20 MHz
No.
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
1 Oscillation period (
= X)
tOSC
50
31250
62.5
50
ns
2 CLK pulse width
tCLK
2X
− 40
85
60
ns
3 A0 to A23 valid
→ CLK hold
tAK
0.5X
− 20
11
5
ns
4 CLK valid
→ A0 to A23 hold
tKA
1.5X
− 70
24
5
ns
5 A0 to A15 valid
→ ALE fall
tAL
0.5X
− 15
16
10
ns
6 ALE fall
→ A0 to A15 hold
tLA
0.5X
− 20
11
5
ns
7 ALE high pulse width
tLL
X
− 40
23
10
ns
8 ALE fall
→ RD / WR fall
tLC
0.5X
− 25
6
0
ns
9
RD
/ WR rise
→ ALE rise
tCL
0.5X
− 20
11
5
ns
10 A0 to A15 valid
→ RD / WR fall
tACL
X
− 25
38
25
ns
11 A0 to A23 valid
→ RD / WR fall
tACH
1.5X
− 50
44
25
ns
12
RD
/ WR rise
→ A0 to A23 hold
tCA
0.5X
− 25
6
0
ns
13 A0 to A15 valid
→ D0 to D15 input
tADL
3.0X
− 55
133
95
ns
14 A0 to A23 valid
→ D0 to D15 input
tADH
3.5X
− 65
154
110
ns
15
RD
fall
→ D0 to D15 input
tRD
2.0X
− 60
65
40
ns
16
RD
low pulse width
tRR
2.0X
− 40
85
60
ns
17
RD
rise
→ D0 to D15 hold
tHR
0
0
0
ns
18
RD
rise
→ A0 to A15 output
tRAE
X
− 15
48
35
ns
19
WR
low pulse width
tWW
2.0X
− 40
85
60
ns
20 D0 to D15 valid
→ WR rise
tDW
2.0X
− 55
70
45
ns
21
WR
rise
→ D0 to D15 hold
tWD
0.5X
− 15
16
10
ns
22
A0 to A23 valid
→ WAIT input
tAWH
3.5X
− 90
129
85
ns
23
A0 to A15 valid
→ WAIT input
tAWL
3.0X
− 80
108
70
ns
24
RD
/ WR fall
→ WAIT hold
tCW
2.0X
+ 0
125
100
ns
25 A0 to A23 valid
→ Port input
tAPH
2.5X
− 120
36
5
ns
26 A0 to A23 valid
→ Port hold
tAPH2
2.5X
+ 50
206
175
ns
27
WR
rise
→ Port valid
tCP
200
200
200
ns
AC measuring conditions
• Output level: High 2.2 V, low 0.8 V, CL = 50 pF
(However CL
= 100 pF for AD0 to AD15, A0 to A23, ALE, RD , WR , HWR , CLK)
• Input level:
High 2.4 V, low 0.45 V (AD0 to AD15)
High 0.8
× VCC, low 0.2 × VCC (except for AD0 to AD15)
(1 + N) WAIT
mode
(1 + N) WAIT
mode
(1 + N) WAIT
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com