Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 123 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 119Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 120Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 121Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 122Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 123Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 124Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 125Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 126Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 293 page
background image
uPSD34xx
I2C interface
123/293
Table 56.
S1STA: I2C interface status register (SFR DDh, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GC
STOP
INTR
TX_MODE
BBUSY
BLOST
ACK_RESP
SLV
Bit
Symbol
R/W
Function
7GC
R
General Call flag
GC = 1 if the General Call address of 00h was received when
SIOE is in Slave mode, and GC is cleared by a START or
STOP condition on the bus. If the SIOE is in Master mode
when GC = 1, the Bus Lost condition exists, and BLOST = 1.
6STOP
R
STOP flag
STOP = 1 while SIOE detects a STOP condition on the bus
when in Master or Slave mode.
5INTR
R,W
Interrupt flag
INTR is set to 1 by any of the five I2C interrupt conditions listed
above. INTR must be cleared by firmware.
4TX_MODE
R
Transmission Mode flag
TX_MODE = 1 whenever the SIOE is in Master-Transmitter or
Slave-Transmitter mode. TX_MODE = 0 when SIOE is in any
receiver mode.
3BBUSY
R
Bus Busy flag
BBUSY = 1 when the I2C bus is in use. BBUSY is set by the
SIOE when a START condition exists on the bus and BBUSY
is cleared by a STOP condition.
2BLOST
R
Bus Lost flag
BLOST is set when the SIOE is in Master mode and it looses
the arbitration process to another Master device on the bus.
1ACK_RESP
R
Not Acknowledge Response flag
While SIOE is in Transmitter mode:
– After SIOE sends a byte, ACK_RESP = 1 whenever the
external I2C device receives the byte, but that device does
NOT assert an ackowledge signal (external device asserted
a high on SDA during the acknowledge bit-time).
– After SIOE sends a byte, ACK_RESP = 0 whenever the
external I2C device receives the byte, and that device DOES
assert an ackowledge signal (external device drove a low on
SDA during the acknowledge bit-time)
Note: If SIOE is in Master-Transmitter mode, and ACK_RESP
= 1 due to a Slave-Transmitter not sending an Acknowledge, a
STOP condition will not automatically be generated by the
SIOE. The STOP condition must be generated with
S1CON.STO = 1.
0SLV
R
Slave Mode flag
SLV = 1 when the SIOE is in Slave mode. SLV = 0 when the
SIOE is in Master mode (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com