Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 124 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 120Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 121Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 122Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 123Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 124Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 125Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 126Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 127Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 293 page
background image
I2C interface
uPSD34xx
124/293
23.10
I2C data shift register (S1DAT)
The S1ADR register (Table 57) holds a byte of serial data to be transmitted or it holds a
serial byte that has just been received. The MCU may access S1DAT while the SIOE is not
in the process of shifting a byte (the INTR flag indicates shifting is complete).
While transmitting, bytes are shifted out MSB first, and when receiving, bytes are shifted in
MSB first, through the Acknowledge Bit register as shown in Figure 43 on page 120.
23.10.1
Bus wait condition
After the SIOE finishes receiving a byte in Receive mode, or transmitting a byte in Transmit
mode, the INTR flag (in S1STA) is set and automatically a wait condition is imposed on the
I2C bus (SCL held low by SIOE). In Transmit mode, this wait condition is released as soon
as the MCU writes any byte to S1DAT. In Receive mode, the wait condition is released as
soon as the MCU reads the S1DAT register.
This method allows the user to handle transmit and receive operations within an interrupt
service routine. The SIOE will automatically stall the I2C bus at the appropriate time, giving
the MCU time to get the next byte ready to transmit or time to read the byte that was just
received.
Table 57.
S1DAT: I2C data shift register (SFR DEh, reset value 00h)
23.11
I2C address register (S1ADR)
The S1ADR register (Table 58) holds the 7-bit device address used when the SIOE is
operating as a Slave. When the SIOE receives an address from a Master, it will compare
this address to the contents of S1ADR, as shown in Figure 43 on page 120.
If the 7 bits match, the INTR Interrupt flag (in S1STA) is set, and the ADDR Bit (in S1CON) is
set. The SIOE cannot modify the contents S1ADR, and S1ADR is not used during Master
mode.
Table 58.
S1ADR: I2C address register (SFR DFh, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
S1DAT[7:0]
Bit
Symbol
R/W
Function
7:0
S1DAT[7:0]
R/W
Holds the data byte to be transmitted in Transmit mode, or it
holds the data byte received in Receiver mode.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SLA6
SLA5
SLA4
SLA3
SLA2
SLA1
SLA0
–
Bit
Symbol
R/W
Function
7:1
SLA[6:0]
R/W
Stores desired 7-bit device address, used when SIOE is in
Slave mode.
0
–
–
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com