Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 126 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 122Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 123Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 124Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 125Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 126Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 127Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 128Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 129Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 293 page
background image
I2C interface
uPSD34xx
126/293
Table 60.
Number of I2C bus samples taken after 1-to-0 transition on SDA (START
Condition)
Table 61.
Start condition hold time
Note:
1
833KHz is maximum for uPSD34xx devices.
Table 62 provides recommended settings for S1SETUP based on various combinations of
fOSC and fSCL. Note that the “Total Sample Period” times in Table 61 on page 126 are
typically slightly less than the minimum START condition hold time, tHLDSTA for a given I
2C
bus speed.
Important note: The SCL bit rate fSCL must first be determined by bits CR[2:0] in the SFR
S1CON before a value is chosen for SMPL_SET[6:0] in the SFR S1SETUP.
Contents of S1SETUP
Resulting value for
S1SETUP
Resulting Number of
Samples Taken After 1-to-0
on SDA Line
SS_EN bit
SMPL_SET[6:0]
0
XXXXXXXb
00h (default)
1
1
0000000b
80h
1
1
0000001b
81h
2
1
0000010b
82h
3
...
...
...
...
1
0001011b
8Bh
12
1
0010111b
97h
24
...
...
...
...
1
1111111b
FFh
128
I2C Bus Speed
Range of I2C Clock Speed
(fSCL)
Minimum START Condition
Hold Time (tHLDSTA)
Standard
Up to 100KHz
4000ns
Fast
101KHz to
400KHz
600ns
High
401KHz to 833KHz(1)
160ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com