Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 232 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 232 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 228Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 229Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 230Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 231Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 232Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 233Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 234Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 235Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 236Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 293 page
background image
PSD module
uPSD34xx
232/293
Figure 83.
Using the Design Assistant in PSDsoft Express for Simple PLD Example
28.5.39
Latched address output mode
In the MCU Module, the data bus Bits D0-D15 are multiplexed with the address Bits A0-A15,
and the ALE signal is used to separate them with respect to time. Sometimes it is necessary
to send de-multiplexed address signals to external peripherals or memory devices. Latched
Address Output mode will drive individual demuxed address signals on pins of Ports A or B.
Port pins can be designated for this function on a pin-by-pin basis, meaning that an entire
port will not be sacrificed if only a few address signals are needed.
To activate this mode, the desired pins on Port A or Port B are designated as “Latched
Address Out” in PSDsoft. Then in the 8032 initialization firmware, a logic ’1’ is written to the
csiop Control register for Port A or Port B in each bit position that corresponds to the pin of
the port driving an address signal. Table 134 and Table 135 define the csiop Control register
locations and bit assignments.
The latched low address byte A4-A7 is available on both Port A and Port B. The high
address byte A8-A15 is available on Port B only. Selection of high or low address byte is
specified in PSDsoft Express.
Table 134.
Latched address output, port A contro register(1) (address = csiop +
offset 02h)l
Note:
1
Port A not available on 52-pin uPSD34xx devices
2
For each bit, 1 = drive demuxed 8032 address signal on pin, 0 = pin is default mode, MCU
I/O
3
Default state for register is 00h after reset or power-up
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PA7
(addr A7)
PA6
(addr A6)
PA5
(addr A5)
PA4
(addr A4)
PA3
(addr A3)
PA2
(Addr A2)
PA1
(addr A1)
PA0
(addr A0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com