Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 236 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 236 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 232Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 233Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 234Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 235Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 236Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 237Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 238Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 239Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 240Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 293 page
background image
PSD module
uPSD34xx
236/293
Table 140.
Port A enable out register(1) (address = csiop + offset 0Ch)
Note:
1
Port A not available on 52-pin uPSD34xx devices
2
For each bit, 1 = pin drive is enabled as an output, 0 = pin drive is off (high-impedance, pin
used as input)
Table 141.
Port B enable out register (address = csiop + offset 0Dh)
Note:
For each bit, 1 = pin drive is enabled as an output, 0 = pin drive is off (high-impedance, pin
used as input)
Table 142.
Port C enable out register (address = csiop + offset 1Ah)
Note:
1
For each bit, 1 = pin drive is enabled as an output, 0 = pin drive is off (high-impedance, pin
used as input)
Table 143.
Port D enable out register (address = csiop + offset 1Bh)
Note:
1
For each bit, 1 = pin drive is enabled as an output, 0 = pin drive is off (high-impedance, pin
used as input)
2
Pin is not available on 52-pin uPSD34xx devices
28.5.46
Individual port structures
Ports A, B, C, and D have some differences. The structure of each individual port is
described in the next sections.
28.5.47
Port A structure
Port A supports the following operating modes:
●
MCU I/O Mode
●
GPLD Output Mode from Output Macrocells MCELLABx
●
GPLD Input Mode to Input Macrocells IMCAx
●
Latched Address Output Mode
●
Peripheral I/O Mode
Port A also supports Open Drain/Slew Rate output drive type options using csiop Drive
Select registers. Pins PA0-PA3 can be configured to fast slew rate, pins PA4-PA7 can be
configured to Open Drain Mode.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PA7 OE
PA6 OE
PA5 OE
PA4 OE
PA3 OE
PA2 OE
PA1 OE
PA0 OE
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PB7 OE
PB6 OE
PB5 OE
PB4 OE
PB3 OE
PB2 OE
PB1 OE
PB0 OE
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PC7 OE
N/A
(JTAG)
N/A
(JTAG)
PC4 OE
PC3 OE
PC2 OE
N/A
(JTAG)
N/A
(JTAG)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
N/A
N/A
N/A
N/A
N/A
PD2 OE(2)
PD1 OE
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com