Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 238 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 238 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 234Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 235Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 236Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 237Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 238Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 239Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 240Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 241Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 242Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 293 page
background image
PSD module
uPSD34xx
238/293
Figure 86.
Port B structure
Note:
1
Port pins PB0-PB3 are capable of Fast Slew Rate output drive option. Port pins PB4-PB7
are capable of Open Drain output option.
28.5.49
Port C structure
Port C supports the following operating modes on pins PC2, PC3, PC4, PC7:
●
MCU I/O Mode
●
GPLD Output Mode from Output Macrocells MCELLBC2, MCELLBC3, MCELLBC4,
MCELLBC7
●
GPLD Input Mode to Input Macrocells IMCC2, IMCC3, IMCC4, IMCC7
See Figure 87 on page 239 for detail.
Port C pins can also be configured in PSDsoft for other dedicated functions:
●
Pins PC3 and PC4 support TSTAT and TERR status indicators, to reduce the amount
of time required for JTAG ISP programming. These two pins must be used together for
this function, adding to the four standard JTAG signals. When TSTAT and TERR are
used, it is referred to as “6-pin JTAG”. PC3 and PC4 cannot be used for other functions
I/O PORT B
LOGIC
O
U
T
P
U
T
M
U
X
P
D
B
M
U
X
DIRECTION
DRIVE SELECT
CONTROL
DATA OUT
(MCUI/O)
ENABLE OUT
DATA IN (MCUI/O)
PT OUTPUT ENABLE (.OE)
LATCHED ADDR BIT
OUTPUT
ENABLE
OUTPUT
ENABLE
TYPICAL
PIN, PORT B
PSD MODULE RESET
ONE of 6
CSIOP
REGISTERS
OUTPUT
SELECT
1
2
3
1
2
3
4
5
6
FROM OMC OUTPUT
(MCELLABx or MCELLBCx)
FROM PLD
INPUT BUS
FROM AND-
OR ARRAY
FROM OMC
ALLOCATOR
D
CLR
DIRECTION
DRIVE
CONTROL
(MCUI/O)
DATA OUT
8032
WR
RESET
PSDsoft
8032 RD
TO IMCs
CSIOP
REGIS-
TERS
Q
Q
Q
Q
DRIVE TYPE SELECT
(1)
8032
DATA
BITS
8032
DATA
BIT
PIN INPUT
CMOS
BUFFER
NO
HYSTERESIS
VDD
VDD
PIN
OUTPUT
1 = OPEN
DRAIN,
PB4 - PB7
1 = FAST
SLEW RATE,
PB0 - PB3
IMCB0 - IMCB7
AI09180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com