Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 234 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 234 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 230Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 231Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 232Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 233Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 234Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 235Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 236Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 237Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 238Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 293 page
background image
PSD module
uPSD34xx
234/293
28.5.41
JTAG ISP mode
Four of the pins on Port C are based on the IEEE 1149.1 JTAG specification and are used
for In-System Programming (ISP) of the PSD Module and debugging of the 8032 MCU
Module. These pins (TDI, TDO, TMS, TCK) are dedicated to JTAG and cannot be used for
any other I/O function. There are two optional pins on Port C (TSTAT and TERR) that can be
used to reduce programming time during ISP. See Section 28.6.1: JTAG ISP and JTAG
debug on page 251.
28.5.42
Other port capabilities
It is possible to change the type of output drive on the ports at run-time. It is also possible to
read the state of the output enable signal of the output driver at run-time. The following
sections provide the details.
28.5.43
Port pin drive options
The csiop Drive Select registers allow reconfiguration of the output drive type for certain
pins on Ports A, B, C, and D. The 8032 can change the default drive type setting at run-time.
The is no action needed in PSDsoft Express to change or define these pin output drive
types. Figure 80 on page 226 shows the csiop Drive Select register output controlling the
pin output driver. The default setting for drive type for all pins on Ports A, B, C, and D is a
standard CMOS push-pull output driver.
Note:
When a pin on Port A, B, C, D is not used as an output and has no external device driving it
as an input (floating pin), excess power consumption can be avoided by placing a weak pull-
up resistor (100K
Ω) to V
DD which keeps the CMOS input pin from floating.
28.5.44
Drive select registers
The csiop Drive Select Registers will configure a pin output driver as Open Drain or CMOS
push/pull for some port pins, and controls the slew rate for other port pins. An external pull-
up resistor should be used for pins configured as Open Drain, and the resistor should be
sized not to exceed the current sink capability of the pin (see DC specifications). Open Drain
outputs are diode clamped, thus the maximum voltage on an pin configured as Open Drain
is VDD + 0.7V.
A pin can be configured as Open Drain if its corresponding bit in the Drive Select Register is
set to logic '1.'
Note:
The slew rate is a measurement of the rise and fall times of an output. A higher slew rate
means a faster output response and may create more electrical noise. A pin operates in a
high slew rate when the corresponding bit in the Drive Register is set to '1.' The default rate
is standard slew rate (see AC specifications).
Table 136 through Table 139 on page 235 show the csiop Drive Registers for Ports A, B, C,
and D. The tables summarize which pins can be configured as Open Drain outputs and
which pins the slew rate can be changed. The default output type is CMOS push/pull output
with normal slew rate.
28.5.45
Enable out registers
The state of the output enable signal for the output driver at each pin on Ports A, B, C, and D
can be read at any time by the 8032 when it reads the csiop Enable Output registers. Logic
'1' means the driver is in output mode, logic ’0’ means the output driver is in high-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com