Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 237 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 237 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 233Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 234Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 235Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 236Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 237Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 238Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 239Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 240Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 241Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 293 page
background image
uPSD34xx
PSD module
237/293
See Figure 85 for details.
Figure 85.
Port A structure
Note:
1
Port pins PA0-PA3 are capable of Fast Slew Rate output drive option. Port pins PA4-PA7 are
capable of Open Drain output option.
28.5.48
Port B structure
Port B supports the following operating modes:
●
MCU I/O Mode
●
GPLD Output Mode from Output Macrocells MCELLABx, or MCELLBCx (OMC
allocator routes these signals)
●
GPLD Input Mode to Input Macrocells IMCBx
●
Latched Address Output Mode
Port B also supports Open Drain/Slew Rate output drive type options using the csiop Drive
Select registers. Pins PB0-PB3 can be configured to fast slew rate, pins PB4-PB7 can be
configured to Open Drain Mode.
See Figure 86 for detail.
I/O PORT A
LOGIC
O
U
T
P
U
T
M
U
X
P
D
B
M
U
X
DIRECTION
DRIVE SELECT
CONTROL
DATA OUT
(MCUI/O)
ENABLE OUT
DATA IN (MCUI/O)
D BIT, PERIPH I/O MODE
PT OUTPUT ENABLE (.OE)
LATCHED ADDR BIT
OE
MUX
OUTPUT
ENABLE
TYPICAL
PIN, PORT A
PSD MODULE RESET
ONE of 6
CSIOP
REGISTERS
OUTPUT
SELECT
PERIPHERAL I/O
MODE SETS
DIRECTION
1
2
3
4
1
2
3
4
5
6
FROM OMC OUTPUT (MCELLABx)
FROM PLD
INPUT BUS
FROM AND-
OR ARRAY
FROM OMC
ALLOCATOR
D
CLR
DIRECTION
DRIVE
CONTROL
(MCUI/O)
DATA OUT
8032
WR
RESET
PSDsoft
8032 RD
PSELx
WR
RD
PERIPH I/O
DATA BIT
TO IMCs
PIO EN
CSIOP
REGIS-
TERS
Q
Q
Q
Q
DRIVE TYPE SELECT
(1)
8032
DATA
BITS
8032
DATA
BIT
PIN INPUT
CMOS
BUFFER
NO
HYSTERESIS
VDD
VDD
PIN
OUTPUT
1 = OPEN
DRAIN,
PA4 - PA7
1 = FAST
SLEW RATE,
PA0 - PA3
IMCA0 - IMCA7
AI09179



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com