Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 241 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 241 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 237Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 238Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 239Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 240Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 241Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 242Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 243Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 244Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 245Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 293 page
background image
uPSD34xx
PSD module
241/293
Figure 88.
Port D structure
Note:
1
Optional function on a specific Port D pin.
28.5.51
Power management
The PSD Module offers configurable power saving options, and also a way to manage
power to the SRAM (battery backup). These options may be used individually or in
combinations. A top level description for these functions is given here, then more detailed
descriptions will follow.
●
Zero-Power Memory: All memory arrays (Flash and SRAM) in the PSD Module are
built with zero-power technology, which puts the memories into standby mode (~ zero
DC current) when 8032 address signals are not changing. As soon as a transition
occurs on any address input, the affected memory “wakes up”, changes and latches its
outputs, then goes back to standby. The designer does not have to do anything special
I/O PORT D
LOGIC
O
U
T
P
U
T
M
U
X
P
D
B
M
U
X
DIRECTION
DRIVE SELECT
DATA OUT
(MCUI/O)
ENABLE OUT
DATA IN (MCUI/O)
PT OUTPUT ENABLE (.OE)
OUTPUT
ENABLE
OUTPUT
ENABLE
TYPICAL
PIN, PORT D
PSD MODULE RESET
ONE of 5
CSIOP
REGISTERS
1
2
1
2
3
4
5
FROM DPLD EXTERNAL CHIP (ECSx)
FROM PLD
INPUT BUS
FROM AND-
OR ARRAY
FROM DPLD
D
CLR
DIRECTION
DRIVE
(MCUI/O)
DATA OUT
8032
WR
RESET
PSDsoft
8032 RD
TO POWER MANAGEMENT AND PLD INPUT BUS
CSIOP
REGIS-
TERS
Q
Q
Q
DRIVE TYPE SELECT
8032
DATA
BITS
8032
DATA
BIT
PIN INPUT
CMOS
BUFFER
NO
HYSTERESIS
VDD
VDD
PIN
OUTPUT
1 = FAST
SLEW RATE
PD1. PIN, PD2.PIN
DIRECTLY TO PLD INPUT BUS, NO IMC
CSI
(1)
TO POWER MANAGEMENT
CLKIN
(1)
AI09182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com