Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 239 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 239 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 235Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 236Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 237Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 238Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 239Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 240Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 241Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 242Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 243Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 293 page
background image
uPSD34xx
PSD module
239/293
if they are used for 6-pin JTAG. See Section 28.6.1: JTAG ISP and JTAG debug on
page 251 for details.
–
PC2 can be used as a voltage input (from battery or other DC source) to backup
the contents of SRAM when VDD is lost. This function is specified in PSDsoft
Express as Section 28.5.62: SRAM standby mode (battery backup) on page 250.
–
PC3 can be used as an output to indicate when a Flash memory program or erase
operation has completed. This is specified in PSDsoft Express as Section 28.5.12:
Ready/Busy (PC3) on page 208.
–
PC4 can be used as an output to indicate when the SRAM has switched to backup
voltage (when VDD is less than the battery input voltage on PC2). This is specified
in PSDsoft Express as “Standby-On Indicator” (see Section 28.5.62: SRAM
standby mode (battery backup) on page 250).
The remaining four pins (TDI, TDO, TCK, TMS) on Port C are dedicated to the JTAG
function and cannot be used for any other function. See Section 28.6.1: JTAG ISP and JTAG
debug on page 251.
Port C also supports the Open Drain output drive type options on pins PC2, PC3, PC4, and
PC7 using the csiop Drive Select registers.
Figure 87.
Port C structure
Note:
1
Pull-up switches to VBAT when SRAM goes to battery back-up mode.
2
Optional function on a specific Port C pin.
I/O PORT C
LOGIC
O
U
T
P
U
T
M
U
X
P
D
B
M
U
X
DIRECTION
DRIVE SELECT
DATA OUT
(MCUI/O)
ENABLE OUT
DATA IN (MCUI/O)
PT OUTPUT ENABLE, .OE (JTAG STATE MACHINE
AUTOMATICALLY CONTROLS OE FOR JTAG SIGNALS)
OUTPUT
ENABLE
TYPICAL
PIN,
PORT C
PSD MODULE RESET
ONE of 6
CSIOP
REGISTERS
1
2
3
4
5
1
2
3
4
5
FROM OMC OUTPUT (MCELLBCx)
STANDBY ON
(2)
FROM SRAM
BACK-UP CIRCUIT
FROM FLASH MEMORIES
TO/FROM JTAG
STATE MACHINE
FROM PLD
INPUT BUS
FROM AND-
OR ARRAY
FROM OMC
ALLOCATOR
D
CLR
DIRECTION
DRIVE
(MCUI/O)
DATA OUT
8032
WR
RESET
PSDsoft
8032 RD
TO IMCs
CSIOP
REGIS-
TERS
Q
Q
Q
DRIVE TYPE SELECT
(2)
8032
DATA
BITS
8032
DATA
BIT
PIN
INPUT
CMOS
BUFFER
NO
HYSTERESIS
VDD
VDD/VBAT
(1)
VDD/VBAT
(1)
PIN
OUTPUT
50k
PULL-UP
ONLY ON
JTAG TDI,
TMS, TCK
SIGNALS
TO SRAM
BATTERY
BACK-UP
CIRCUIT
(2)
IMCC2, IMCC3,
IMCC4, IMCC7
RDY/BSY
(2)
TDO, TSTAT
(2), TERR(2)
TDI, TMS, TCK
AI09181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com