Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Box PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 4Page - Omron Electronics LLC NA-RTSM Datasheet HTML 5Page - Omron Electronics LLC NA-RTSM Datasheet HTML 6Page - Omron Electronics LLC NA-RTSM Datasheet HTML 7Page - Omron Electronics LLC NA-RTSM Datasheet HTML 8Page - Omron Electronics LLC NA-RTSM Datasheet HTML 9Page - Omron Electronics LLC NA-RTSM Datasheet HTML 10Page - Omron Electronics LLC NA-RTSM Datasheet HTML 11Page - Omron Electronics LLC NA-RTSM Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
NYB
8
General Specifications
Performance Specifications
Item
NYB2E-
@1@@@ /
NYB2E-
@2@@@
NYB37-
@1@@@/
NYB37-
@2@@@
NYB55-
@1@@@/
NYB55-
@2@@@
NYB65-
@1@@@ /
NYB65-
@2@@@
NYB13-
@1@@@/
NYB13-
@2@@@
NYB2E-
@0@@@
NYB37-
@0@@@
NYB55-
@0@@@
NYB65-
@0@@@
NYB13-
@0@@@
Main
system
CPU
CPU type
Intel® Xeon®
W-11865MRE
Intel® Core™
i7-1185GRE
Intel® Core™
i5-1145GRE
Intel® Core™
i3-1115GRE
Intel® Xeon®
W-11865MRE
Intel® Core™
i7-1185GRE
Intel® Core™
i5-1145GRE
Intel® Core™
i3-1115GRE
Cores / Threads
8 / 16
4 / 8
4 / 8
2 / 4
8 / 16
4 / 8
4 / 8
2 / 4
CPU base
frequency
2.6 GHz
1.8 GHz
2.6 GHz
1.5 GHz
2.2 GHz
2.6 GHz
1.8 GHz
2.6 GHz
1.5 GHz
2.2 GHz
Maximum turbo
frequency
4.7 GHz
4.4 GHz
4.1 GHz
3.9 GHz
4.7 GHz
4.4 GHz
4.1 GHz
3.9 GHz
Cache
24 MB
12 MB
8 MB
6 MB
24 MB
12 MB
8 MB
6 MB
Cooling details
Active
cooling
(fan)
Active
cooling
(fan)
Active
cooling
(fan)
Passive cooling
(fanless)
Active
cooling
(fan)
Active
cooling
(fan)
Active
cooling
(fan)
Passive cooling
(fanless)
Intel CPU category
Industrial (100% operation minimal 10yr)
Industrial (100% operation minimal 10yr)
Memory
Memory size
*1
8, 16, 32,
64 or 96 GB 8, 16, 32, 64 GB
8, 16, 32,
64 or 96 GB 8, 16, 32, 64 GB
Memory type
DDR4
(ECC is
available)
DDR4
DDR4
(ECC is
available)
DDR4
Package Memory
Format
SO-DIMM
SO-DIMM
Serial
Presence
Detect
(SPD)
Speed
grade
3200 MT/s
3200 MT/s
CAS
latency
CL17
CL17
Trusted platform module
(TPM)
Available
Available
Graphics controller
Intel® UHD
Graphics.
Up to four
independe
nt screens.
Intel® Iris® Xe Graphics. Up to four
independent screens.
Intel® UHD
Graphics.
Up to four
independe
nt screens.
Intel® UHD
Graphics.
Up to four
independe
nt screens.
Intel® Iris® Xe Graphics. Up to four
independent screens.
Intel® UHD
Graphics.
Up to four
independe
nt screens.
Intel® UHD
Graphics
(32 EU)
Intel®Iris®
Xe
Graphics
(96 EU)
Intel® Iris® Xe Graphics
(80 EU)
Intel® UHD
Graphics
(48 EU)
Intel® UHD
Graphics
(32 EU)
Intel® Iris®
Xe
Graphics
(96 EU)
Intel® Iris® Xe
Graphics (80 EU)
Intel® UHD
Graphics
(48 EU)
Watchdog
Yes
Yes
Operating
system
Windows OS
Windows 10 IoT Enterprise 2021 LTSC - 64 bit
Windows 10 IoT Enterprise 2021 LTSC - 64 bit
Storage
devices
Drives
*1
Hard Disk Drive
500 GB, 1 TB
-
Solid
State
Drive
SLC
type
-
MLC
type
-
3DTLC
type
128 GB, 256GB, 512 GB, 1 TB
128 GB, 256GB, 512 GB
Drive bays (HDD/SSD)
*2
2
CFast slot
Hardware-RAID support
RAID1:
NYB2E-
@2@@@
RAID1:
NYB37-
@2@@@
NYB55-
@2@@@
NYB65-
@2@@@
NYB13-
@2@@@
N/A
Connectors
Power connector
24 VDC
24 VDC
I/O connector
2 inputs and 1 output
2 inputs and 1 output
USB2.0
Type-A
Number of ports
-
Maximum current
-
Maximum cable
length
-
USB3.0
Type-A
Number of ports
44
Maximum current
900 mA
900 mA
Maximum cable
length
3 m
3 m
Ethernet
connectors
Number of ports
33
Physical layer
10BASE-T, 100BASE-TX, 1000BASE-T or 2500BASE-T
10BASE-T, 100BASE-TX, 1000BASE-T or 2500BASE-T
Maximum
transmission distance
between Ethernet
switch and node
100 m
100 m
DVI-I
connector
Video interface
-
Resolution
-
Maximum DVI cable
length
-
DisplayPort
++
Resolution
Up to 4,096 x 2,304 at 60 Hz
Up to 4,096 x 2,304 at 60 Hz
Maximum cable length 3 m
3 m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com