Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Box PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 12Page - Omron Electronics LLC NA-RTSM Datasheet HTML 13Page - Omron Electronics LLC NA-RTSM Datasheet HTML 14Page - Omron Electronics LLC NA-RTSM Datasheet HTML 15Page - Omron Electronics LLC NA-RTSM Datasheet HTML 16Page - Omron Electronics LLC NA-RTSM Datasheet HTML 17Page - Omron Electronics LLC NA-RTSM Datasheet HTML 18Page - Omron Electronics LLC NA-RTSM Datasheet HTML 19Page - Omron Electronics LLC NA-RTSM Datasheet HTML 20Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
NYB
18
Bracket Specifications
The metal mounting brackets mount your Industrial Box PC and they are the connection for the functional ground.
Use metal screws with a diameter of 4 mm or 5 mm to mount the brackets.
Mounting screw locations for book mount and wall mount orientation:
Model
Bracket type
Bracket ID
Drill Specifications
Product Dimensions
Hole
Distance X
Hole
Distance Y
Distance Z
Bracket
Width
Bracket
Height
Top to
hole A
Top to
hole B
All
Wall mount
NY000-AB01
245 mm
218 mm
12 mm
23 mm
245 mm
7.5 mm
19.5 mm
NYB1E
NYB27-
@1@@@
NYB27-
@2@@@
NYB2E-
@1@@@
NYB2E-
@2@@@
NYB37-
@1@@@
NYB37-
@2@@@
NYB55-
@1@@@
NYB55-
@2@@@
Book mount
NY000-AB00
60 mm
303 mm
11 mm
96 mm
319 mm
8 mm
8 mm
NYB35-
@1@@@
NYB35-
@2@@@
NYB2C-
@1@@@
NYB65-
@1@@@
NYB65-
@2@@@
NYB13-
@1@@@
NYB13-
@2@@@
Book mount
NY000-AB02
50 mm
303 mm
11 mm
80 mm
319 mm
8 mm
8 mm
NYB35-
@0@@@
NYB2C-
@0@@@
NYB65-
@0@@@
NYB13-
@0@@@
NYB2A-
@0@@@
Book mount
NY000-AB04
N/A
298 mm
11 mm
47 mm
339 mm
8 mm
28 mm
NYB27-
@0@@@
NYB2E-
@0@@@
NYB37-
@0@@@
NYB55-
@0@@@
Book mount
NY000-AB05
25 mm
303 mm
11 mm
63 mm
339 mm
8 mm
28 mm
B
A
X
Y
Z
B
Z
A
Y
X
Z
Z
(Unit: mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com