Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Box PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 3 Page - Omron Electronics LLC

  NA-RTSM Datasheet HTML 1Page - Omron Electronics LLC NA-RTSM Datasheet HTML 2Page - Omron Electronics LLC NA-RTSM Datasheet HTML 3Page - Omron Electronics LLC NA-RTSM Datasheet HTML 4Page - Omron Electronics LLC NA-RTSM Datasheet HTML 5Page - Omron Electronics LLC NA-RTSM Datasheet HTML 6Page - Omron Electronics LLC NA-RTSM Datasheet HTML 7Page - Omron Electronics LLC NA-RTSM Datasheet HTML 8Page - Omron Electronics LLC NA-RTSM Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
NYB
Model Number Structure
The purpose of this model number legend is to provide understanding of the meaning of specifications from the model number.
Models are not available for all combinations of code numbers.
NYB
@@ - @ @ @ @ @
Series name
NYB: NY- series Industrial Box PC
Processor
1E: Intel® Xeon® E3-1515M v5
6th generation CPU with Fan Unit
for active cooling
2E: Intel® Xeon® W-11865MRE
11th generation CPU with Fan Unit
for active cooling
27: Intel® Core™ i7-7820EQ
7th generation CPU with Fan Unit
for active cooling
37: Intel® Core™ i7-1185GRE
11th generation CPU with Fan Unit
for active cooling
35: Intel® Core™ i5-7300U
7th generation CPU with fanless
cooling
55: Intel® Core™ i5-1145GRE
11th generation CPU with Fan Unit
for active cooling
65: Intel® Core™ i5-1145GRE
11th generation CPU with fanless
cooling
13: Intel® Core™ i3-1115GRE
11th generation CPU with fanless
cooling
2C: Intel® Celeron® 3965U
7th generation CPU with fanless
cooling
2A: Intel® Atom®
x5-E3940
Main memory
1: 2 GB, non-ECC
2: 4 GB, non-ECC
3: 8 GB, non-ECC
4: 16 GB, non-ECC
5: 32 GB, non-ECC
6: 64 GB, non-ECC
7: 96 GB, non-ECC
C: 8 GB, ECC
D: 16 GB, ECC
E: 32 GB, ECC
F: 64 GB, ECC
G: 96 GB, ECC
Storage
0: No disk
1: 128 GB, CFast 3DTLC
2: 256 GB, CFast 3DTLC
3: 512 GB, CFast 3DTLC
5: 64 GB, CFast MLC
6: 128 GB, CFast MLC
7: 256 GB, CFast MLC
8: 32 GB, SSD SLC
9: 64 GB, SSD SLC
Optional interface
0: No optional interface
1: RS-232C
2: DVI-D
4: DisplayPort++
6: NY Monitor Link
9: GigE LAN
Operating system
0: No operating system
3: Windows 10 IoT Enterprise 2016 LTSB - 64 bit
4: Windows 10 IoT Enterprise 2019 LTSC - 64 bit
5: Windows 10 IoT Enterprise 2021 LTSC - 64 bit
Expansion slot
0: No PCIe slot
1: PCIe slot
2: PCIe slot + HW-RAID1
C: 320 GB, HDD
D: 500 GB, HDD
E: 1 TB, HDD
F: 128 GB, SSD 3DTLC
G: 256 GB, SSD 3DTLC
H: 512 GB, SSD 3DTLC
K: 128 GB, SSD MLC
L: 256 GB, SSD MLC
M: 500 GB, SSD MLC
P: 1 TB, SSD 3DTLC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com