Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Box PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 12Page - Omron Electronics LLC NA-RTSM Datasheet HTML 13Page - Omron Electronics LLC NA-RTSM Datasheet HTML 14Page - Omron Electronics LLC NA-RTSM Datasheet HTML 15Page - Omron Electronics LLC NA-RTSM Datasheet HTML 16Page - Omron Electronics LLC NA-RTSM Datasheet HTML 17Page - Omron Electronics LLC NA-RTSM Datasheet HTML 18Page - Omron Electronics LLC NA-RTSM Datasheet HTML 19Page - Omron Electronics LLC NA-RTSM Datasheet HTML 20Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
NYB
Dimensions
Item
Specifications
Box
NYB1E-@@@@@
NYB27-@1@@@
NYB27-@2@@@
NYB2E-@1@@@
NYB2E-@2@@@
NYB37-@1@@@
NYB37-@2@@@
NYB55-@1@@@
NYB55-@2@@@
NYB35-
@1@@@
NYB35-
@2@@@
NYB2C-
@1@@@
NYB65-
@1@@@
NYB65-
@2@@@
NYB13-
@1@@@
NYB13-
@2@@@
NYB27-@0@@@
NYB2E-@0
@@@
NYB37-@0
@@@
NYB55-@0
@@@
NYB35-@0@@@
NYB2C-@0@@@
NYB2A-@0@@@
NYB65-@0@@@
NYB13-@0@@@
Dimensions
Width X = 282 mm
Depth Y = 195 mm.
Y = 200 mm including
the DVI connectors.
Height Z = 88.75 mm
Width X = 282 mm
Depth Y = 195 mm.
Y = 200 mm including
the DVI connectors.
Height Z = 73 mm
Width X = 282 mm
Depth Y = 195 mm.
Y = 200 mm including
the DVI connectors.
Height Z = 56 mm
Width X = 282 mm
Depth Y = 195 mm.
Y = 200 mm including
the DVI connectors.
Height Z = 41 mm
Weight
3.8 kg
3.0 kg
2.6 kg
2.1 kg
Y
Z
X
Z
Y
X
X
Y
Z
Z
Y
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com