Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Box PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 10Page - Omron Electronics LLC NA-RTSM Datasheet HTML 11Page - Omron Electronics LLC NA-RTSM Datasheet HTML 12Page - Omron Electronics LLC NA-RTSM Datasheet HTML 13Page - Omron Electronics LLC NA-RTSM Datasheet HTML 14Page - Omron Electronics LLC NA-RTSM Datasheet HTML 15Page - Omron Electronics LLC NA-RTSM Datasheet HTML 16Page - Omron Electronics LLC NA-RTSM Datasheet HTML 17Page - Omron Electronics LLC NA-RTSM Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
NYB
14
Components and functions
The intent behind our IPC platform is to empower engineers to become unstoppable in developing machines and factories that are better, faster
and safer by giving them the freedom and flexibility to explore the opportunities provided by modern IT. In line with Omron’s traditional quality
standards, the Industrial Box PC is designed to meet the demands of industrial users for maximum robustness and reliability.
All maintenance sensitive products (HDD/SDD, fan, battery, and PCIe Card) can be easily reached from the outside of the system. No need to
open the electronics compartment, less risk on failure.
Optional connection
RS-232C, DVI-D or DisplayPort++ *1,
NY Monitor Link or GigE LAN.
NY Monitor Link allows high speed video and
data communication over 100 m via Ethernet
cable.
DVI-D video
Digital, up to 1,920 x 1,200 pixels at 60 Hz
(Intel® Core™ i7: DVI-I (Digital or analog))
DisplayPort++ *1
Digital, Up to 4,096 x 2,304 pixels at 60 Hz
3x High speed Ethernet
10BASE-T, 100BASE-TX or 1000BASE-T
2x USB2.0
500 mA maximum current
Maximum cable length: 5 m
2x USB3.0
900 mA maximum current
Maximum cable length: 3 m
Indication LEDs
Robust Mechanics
Full metal housing with black industrial coating
Industrial Design
Winner of the 2016 Red Dot design award *2 for
excellent industrial design
1x PCIe slot
Half Length Cards 6.6 inches
Standard Height Cards 4.2 inches
Easy PCIe mounting drawer
Intel® Xeon®, Intel® Core™ i7: X4 (4 lanes)
Other CPUs: X1 (1 lane)
1x SD Memory Card slot *1
SDHC type (SD 2.0 specification)
Up to 32 GB capacity
1x CFast Card slot
Storage
2.5 inch Solid State Drive (SSD) or Hard Disk Drive
(HDD), 7 mm height
I/O (UPS connection)
Input:
Power sequence signal
Output:
SPST-NO contact configuration
24 VDC at 2 A switching capacity (resistive load)
Power switch
24 VDC Power
24 VDC non isolated
Lockable power connector
Note: Not all combinations are possible or standard available. Please contact your Omron representative to discuss the possibilities.
*1. 11th generation CPU: Equipped with DisplayPort++ instead of DVI, but no SD Memory Card slot.
*2. The Red Dot design award has been presented by the Design Zentrum Nordrhein Westfalen since 1955. It is one of the best-respected design
competitions in the world, along with the iF award (Germany) and IDEA (the United States).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com