Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Box PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 5 Page - Omron Electronics LLC

  NA-RTSM Datasheet HTML 1Page - Omron Electronics LLC NA-RTSM Datasheet HTML 2Page - Omron Electronics LLC NA-RTSM Datasheet HTML 3Page - Omron Electronics LLC NA-RTSM Datasheet HTML 4Page - Omron Electronics LLC NA-RTSM Datasheet HTML 5Page - Omron Electronics LLC NA-RTSM Datasheet HTML 6Page - Omron Electronics LLC NA-RTSM Datasheet HTML 7Page - Omron Electronics LLC NA-RTSM Datasheet HTML 8Page - Omron Electronics LLC NA-RTSM Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
NYB
Accessories
Optional Hardware
Note: Orders for NY000-AS02 are no longer accepted, as of November 30, 2018.
*1. Select the required type:
NY000-AB00: NYB1E, NYB27-
@1@@@, NYB27-@2@@@, NYB2E-@1@@@, NYB2E-@2@@@, NYB37-@1@@@, NYB37-@2@@@,
NYB55-
@1@@@, NYB55-@2@@@
NY000-AB02: NYB35-
@1@@@, NYB35-@2@@@, NYB2C-@1@@@, NYB65-@1@@@, NYB65-@2@@@, NYB13-@1@@@, NYB13-@2@@@
NY000-AB04: NYB35-
@0, NYB2C-@0, NYB2A-@0, NYB65-@0@@@, NYB13-@0@@@
NY000-AB05: NYB27-
@0, NYB2E-@0@@@, NYB37-@0@@@, NYB55-@0@@@
*2. Revision number 09 or higher.
Product name
Specifications
Model
Mounting Brackets
*1
Book mount
NY000-AB00
NY000-AB02
NY000-AB04
NY000-AB05
Wall mount
NY000-AB01
SD Memory Cards
Card type: SD Card
Capacity: 2 GB
Format: FAT16
HMC-SD292
Card type: SDHC Card
Capacity: 4 GB
Format: FAT32
HMC-SD492
Card type: SDHC Card
Capacity: 16 GB
Format: FAT32
HMC-SD1A2
USB Flash Drives
Capacity: 2 GB
FZ-MEM2G
Capacity: 8 GB
FZ-MEM8G
Storage Devices
Storage type: HDD, Capacity: 320 GB
NY000-AH00
Storage type: HDD, Capacity: 500 GB
NY000-AH01
Storage type: HDD, Capacity: 1 TB
NY000-AH02
Storage type: SSD SLC, Capacity: 32 GB
NY000-AS00
Storage type: SSD SLC (Apacer), Capacity: 64 GB
NY000-AS01
Storage type: SSD SLC (Hagiwara), Capacity: 64 GB
NY000-AS03
Storage type: SSD MLC (Innodisk), Capacity: 128 GB
NY000-AS04
Storage type: SSD MLC, Capacity: 500 GB
NY000-AS05
Storage type: SSD 3DTLC, Capacity: 1 TB
NY000-AS07
Storage type: SSD MLC (Innodisk), Capacity: 256 GB
NY000-AS08
Storage type: SSD 3DTLC (Acon), Capacity: 128 GB
NY000-AS09
Storage type: SSD 3DTLC (Acon), Capacity: 256 GB
NY000-AS10
Storage type: SSD 3DTLC (Acon), Capacity: 512 GB
NY000-AS11
Storage type: SSD 3DTLC (Acon), Capacity: 1 TB
NY000-AS12
Storage type: SSD 3DTLC (Acon), Capacity: 2 TB
NY000-AS13
Storage type: CFast MLC, Capacity: 64 GB
NY000-AT00
Storage type: CFast MLC, Capacity: 128 GB
NY000-AT01
Storage type: CFast MLC, Capacity: 256 GB
NY000-AT02
Storage type: CFast 3DTLC (Acon), Capacity: 128 GB
NY000-AT05
Storage type: CFast 3DTLC (Acon), Capacity: 256 GB
NY000-AT06
Storage type: CFast 3DTLC (Acon), Capacity: 512 GB
NY000-AT07
DVI Cables
Cable length: 2 m
Supports DVI-D
Minimum bend radius: 36 mm
NY000-AC00 2M
Cable length: 5 m
Supports DVI-D
Minimum bend radius: 36 mm
NY000-AC00 5M
Industrial Monitor
• LCD touchscreen
• Multi-touch functionality
• Supply voltage: 24 VDC
• 2 USB Type-A Connectors
• Programmable brightness control
• Standard and 100 m cable models are available.
NYM1
@W-C10@@
Power Supply
• Output voltage: 24 VDC
• Push-In Plus terminal blocks
S8VK-G
@@@24
• Output voltage: 24 VDC
• EtherNet/IP, Modbus TCP-Compatible
S8VK-X
@@@24A-EIP
• Output voltage: 24 VDC
•Compact
S8VK-S
@@@24
• Output voltage: 24 VDC
• Three-phase 200-V Power Supplies
S8VK-WA
@@@24
UPS
*2
Output voltage during backup operation: 24 VDC ± 5%
S8BA
UPS Communication Cable
Cable length: 2 m
Signals for
• Signal output (BL, TR, BU, WB)
• Remote ON/OFF input
• UPS Stop Signal input (BS)
S8BW-C02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com