Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Box PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 4 Page - Omron Electronics LLC

  NA-RTSM Datasheet HTML 1Page - Omron Electronics LLC NA-RTSM Datasheet HTML 2Page - Omron Electronics LLC NA-RTSM Datasheet HTML 3Page - Omron Electronics LLC NA-RTSM Datasheet HTML 4Page - Omron Electronics LLC NA-RTSM Datasheet HTML 5Page - Omron Electronics LLC NA-RTSM Datasheet HTML 6Page - Omron Electronics LLC NA-RTSM Datasheet HTML 7Page - Omron Electronics LLC NA-RTSM Datasheet HTML 8Page - Omron Electronics LLC NA-RTSM Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NYB
4
Ordering Information
NY-series Industrial PC Platform
Recommended models
The industrial Box PC has extended configuration possibilities to meet your requirements, below an overview of the most used and recommended
models. Selecting one of the models below will bring the benefit of faster delivery times.
In case your preferred model is not listed below, please contact your Omron representative to discuss the possibilities.
Product name
Specifications
Model
Operating system
CPU type
RAM memory
Storage size
Interface option
PCIe-slot
Industrial Box
PC
Windows 10 IoT
Enterprise 2016
LTSB - 64 bit
Intel® Xeon®
E3-1515M v5
8GB
(non-ECC type)
128 GB SSD type
(MLC)
RS-232C
Yes
NYB1E-313K1
8GB
(ECC type)
Yes
NYB1E-C13K1
Intel® Core™
i5-7300U
8 GB
(non-ECC type)
256 GB CFast type
(MLC)
No
No
NYB35-30370
128 GB SSD type
(MLC)
RS-232C
Yes
NYB35-313K1
Intel® Celeron™
3965U
8 GB
(non-ECC type)
256 GB CFast type
(MLC)
No
No
NYB2C-30370
128 GB SSD type
(MLC)
RS-232C
Yes
NYB2C-313K1
Windows 10 IoT
Enterprise 2019
LTSC - 64bit
Intel® Atom®
x5-E3940
4 GB
(non-ECC type)
128 GB CFast type
(MLC)
No
No
NYB2A-20460
8 GB
(non-ECC type)
256 GB CFast type
(MLC)
No
No
NYB2A-30470
Intel® Core™
i7-7820EQ
8 GB
(non-ECC type)
128 GB SSD type
(MLC)
No
No
NYB27-30460
500 GB SSD type
(MLC)
RS-232C
Yes
NYB27-314M1
500 GB SSD type
(MLC)
Hard RAID
RS-232C
Yes
NYB27-324M1
1 TB SSD type
(3DTLC)
RS-232C
Yes
NYB27-314P1
Windows 10 IoT
Enterprise 2021
LTSC - 64 bit
Intel® Xeon®
W-11865MRE
32 GB
(non-ECC type)
1 TB SSD type
(3DTLC)
Ethernet
Yes
NYB2E-515P9
32 GB
(ECC type)
NYB2E-E15P9
Intel® Core™
i7-1185GRE
16 GB
(non-ECC type)
512 GB SSD type
(3DTLC)
None
No
NYB37-40530
512 GB SSD type
(3DTLC)
Ethernet
Yes
NYB37-415H9
Intel® Core™
i5-1145GRE
16 GB
(non-ECC type)
256 GB SSD type
(3DTLC)
None
No
NYB55-40520
256 GB SSD type
(3DTLC)
Ethernet
Yes
NYB55-415G9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com