Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Box PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 8Page - Omron Electronics LLC NA-RTSM Datasheet HTML 9Page - Omron Electronics LLC NA-RTSM Datasheet HTML 10Page - Omron Electronics LLC NA-RTSM Datasheet HTML 11Page - Omron Electronics LLC NA-RTSM Datasheet HTML 12Page - Omron Electronics LLC NA-RTSM Datasheet HTML 13Page - Omron Electronics LLC NA-RTSM Datasheet HTML 14Page - Omron Electronics LLC NA-RTSM Datasheet HTML 15Page - Omron Electronics LLC NA-RTSM Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
NYB
12
Electrical Specifications
Note: Refer to the Industrial Box PC User’s Manual (W553) for details.
* The total power consumption is the sum of the power consumption of all items that are installed in your Industrial Box PC.
To guarantee S8BA UPS operation in combination with our IPC, the specified combination of UPS and power-supply must be used.
Item
NYB2E-
@1@@@
NYB2E-
@2@@@
NYB37-
@1@@@
NYB37-
@2@@@
NYB55-
@1@@@
NYB55-
@2@@@
NYB65-
@1@@@
NYB65-
@2@@@
NYB13-
@1@@@
NYB13-
@2@@@
NYB2E-
@0@@@
NYB37-
@0@@@
NYB55-
@0@@@
NYB65-
@0@@@
NYB13-
@0@@@
CPU type
Intel® Xeon®
W-11865MRE
Intel® Core™
i7-1185GRE
Intel® Core™
i5-1145GRE
Intel® Core™
i3-1115GRE
Intel® Xeon®
W-11865MRE
Intel® Core™
i7-1185GRE
Intel® Core™
i5-1145GRE
Intel® Core™
i3-1115GRE
Rated power supply
voltage
24 VDC, non-isolated
Allowable power supply
voltage range
20.4 to 28.8 VDC
Grounding method
Ground to less than 100 Ω
Inrush current
At 24 VDC: 12 A / 6 ms max. for cold start at room temperature
Overvoltage category
JIS B3502 and IEC 61131-2: Category II
EMC immunity level
IEC 61131-2: Zone B
RTC accuracy
At ambient temperature of 55°C: -3.5 to +0.5 min error per month
At ambient temperature of 25°C: -1.5 to +1.5 min error per month
At ambient temperature of 0°C: -3 to +1 min error per month
Power button life
100,000 operations
Battery life
5 years at 25°C (for battery CJ1W-BAT01)
Fan life
8 years of continuous operation at
40°C
-
Power consumption *
-
Maximum power
consumption
including drives and
expansions
167 W
123 W
108 W
89 W
68 W
150 W
106 W
91 W
82 W
61 W
Maximum power
consumption
excluding drives and
expansions
130 W
86 W
71 W
62 W
41 W
130 W
86 W
71 W
62 W
41 W
Drives
-
HDD 320 GB
2 W
-
HDD 500 GB
2 W
-
HDD 1 TB
2 W
-
SSD SLC 32 GB
--
SSD SLC 64 GB
--
SSD MLC 128 GB
--
SSD MLC 500 GB
--
SSD 3DTLC 128 GB 1 W
-
SSD 3DTLC 256 GB 1 W
-
SSD 3DTLC 512 GB 2 W
-
SSD 3DTLC 1 TB 2 W
-
CFast MLC 64 GB
--
CFast MLC 128 GB
--
CFast MLC 256 GB
--
CFast 3DTLC 128 GB
-1 W
CFast 3DTLC 256 GB
-1 W
CFast 3DTLC 512 GB
-2 W
Expansions
-
USB
18 W max. (4 x 900 mA at 5 V)
PCIe
15 W max.
5 W max.
-
Item
NYB2E-
@1@@@
NYB2E-
@2@@@
NYB37-
@1@@@
NYB37-
@2@@@
NYB55-
@1@@@
NYB55-
@2@@@
NYB65-
@1@@@
NYB65-
@2@@@
NYB13-
@1@@@
NYB13-
@2@@@
NYB2E-
@0@@@
NYB37-
@0@@@
NYB55-
@0@@@
NYB65-
@0@@@
NYB13-
@0@@@
Minimum
power
requirements
Power supply
240 W
120 W
240 W
120 W
UPS
240 W
120 W
240 W
120 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com