Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Box PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 7Page - Omron Electronics LLC NA-RTSM Datasheet HTML 8Page - Omron Electronics LLC NA-RTSM Datasheet HTML 9Page - Omron Electronics LLC NA-RTSM Datasheet HTML 10Page - Omron Electronics LLC NA-RTSM Datasheet HTML 11Page - Omron Electronics LLC NA-RTSM Datasheet HTML 12Page - Omron Electronics LLC NA-RTSM Datasheet HTML 13Page - Omron Electronics LLC NA-RTSM Datasheet HTML 14Page - Omron Electronics LLC NA-RTSM Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
NYB
*1. Not all combinations are possible or standard available. Please contact your Omron representative to discuss the possibilities.
*2. Depending on the model one or two drives are supported.
*3. Low profile cards, 2.536 inches (64.4 mm) are not supported.
*4. Battery service life highly depend on circumtance and is in normal operation 20yr longer
Connectors
Power connector
24 VDC
I/O connector
2 inputs (UPS signal and power OFF control) and 1 output (Industrial Box PC power state)
USB2.0
Type-A
Number of ports
2
Maximum current
500 mA
Maximum cable
length
5 m
USB3.0
Type-A
Number of ports
2
Maximum current
900 mA
Maximum cable
length
3 m
Ethernet
connect
ors
Number of ports
3
Physical layer
10BASE-T, 100BASE-TX or 1000BASE-T
DVI-I
connect
or
Video interface
Digital or analog
Digital only
Resolution
Up to 1,920 x 1,200 pixels at 60 Hz
Maximum DVI cable
length
Dependent upon connected monitor type and resolution
DisplayPort
++
Resolution
N/A
Maximum cable
length
N/A
Optional
connector
(select one
per system)
RS-232C
Standard DSUB9 connector (Non-Isolated)
N/A
DVI-D
Video interface
Digital only
N/A
Resolution
Up to 1,920 x 1,200 pixels at 60 Hz
N/A
Maximum DVI cable
length
Dependent upon connected monitor type and resolution
N/A
NY
Monitor
Link
Video interface
Digital only
Resolution
1,280 x 800 pixels at 60 Hz
Connector type
RJ45
Cable shielding,
type and max.
length
S/FTP, Cat.6A, 100 m
USB data
throughput
280 Mbps max.
GigE
LAN
Physical layer
10BASE-T,
100BASE-TX or
1000BASE-T
−
DisplayPort
++
Resolution
N/A
Maximum cable
length
N/A
PCIe
Card
Slot
Configuration
X4 (4 lanes)
up to Gen 3
X2 (2 lanes)
up to Gen 3
N/A
Card height
Standard height cards, 4.20 inches (106.7 mm)
*3
N/A
Card length
Half length cards, 6.6 inches (167.65 mm)
N/A
Battery
Model
CJ1W-BAT01
Non replaceable battery
CJ1W-
BAT01
Non replaceable battery
Service life
5 years at 25°C
10 years at 40°C
*4
5 years
at 25°C
10 years at 40°C
*4
Fan unit
Model
NY000-AF00
No fan unit
NY000-AF00 No fan unit
Service life
70,000 hours of continuous
operation
at 40°C with 15% to 65%
relative humidity
−
70,000 hours
of continuous
operation
at 40°C with
15% to 65%
relative
humidity
−
LED
PWR, ERR, HDD, RUN
Item
NYB1E-
@1@@@
NYB1E-
@2@@@
NYB27-
@1@@@
NYB27-
@2@@@
NYB35-
@1@@@
NYB35-
@2@@@
NYB2C-
@1@@@
NYB27-
@0@@@
NYB35-
@0@@@
NYB2C-
@0@@@
NYB2A-
@0@@@



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com