Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Box PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 6Page - Omron Electronics LLC NA-RTSM Datasheet HTML 7Page - Omron Electronics LLC NA-RTSM Datasheet HTML 8Page - Omron Electronics LLC NA-RTSM Datasheet HTML 9Page - Omron Electronics LLC NA-RTSM Datasheet HTML 10Page - Omron Electronics LLC NA-RTSM Datasheet HTML 11Page - Omron Electronics LLC NA-RTSM Datasheet HTML 12Page - Omron Electronics LLC NA-RTSM Datasheet HTML 13Page - Omron Electronics LLC NA-RTSM Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NYB
10
Item
NYB1E-
@1@@@
NYB1E-
@2@@@
NYB27-
@1@@@
NYB27-
@2@@@
NYB35-
@1@@@
NYB35-
@2@@@
NYB2C-
@1@@@
NYB27-
@0@@@
NYB35-
@0@@@
NYB2C-
@0@@@
NYB2A-
@0@@@
Main
system
CPU
CPU type
Intel® Xeon®
E3-1515M
v5
Intel®
Core™
i7-7820EQ
Intel®
Core™
i5-7300U
Intel®
Celeron®
3965U
Intel®
Core™
i7-7820EQ
Intel®
Core™
i5-7300U
Intel
Celeron
3965U
Intel
Atom
x5-E3940
Cores / Threads
4 / 8
4 / 8
2 / 4
2 / 2
4 / 8
2 / 4
2 / 2
4 / 4
CPU base
frequency
2.8 GHz
3.0 GHz
2.6 GHz
2.2 GHz
3.0 GHz
2.6 GHz
2.2 GHz
1.6 GHz
Maximum turbo
frequency
3.7 GHz
3.7 GHz
3.5 GHz
−
3.7 GHz
3.5 GHz
−
1.8 GHz
Cache
8 MB
8 MB
3 MB
2 MB
8 MB
3 MB
2 MB
2 MB
Cooling details
Requires active cooling
(fan)
Passive cooling (fanless)
Requires
active
cooling (fan)
Passive cooling (fanless)
Intel CPU category
Industrial (100% operation minimal 10yr)
Memory
Memory size
*1
8, 16 or
32 GB
8, 16 or
32 GB
4 or 8 GB
4 or 8 GB
8, 16 or
32 GB
8 or 16 GB
4 or 8 GB
2, 4 or 8 GB
Memory type
DDR4
(ECC is
available)
DDR4 (non ECC)
DDR3L
(non ECC)
Trusted platform module
(TPM)
Available
Graphics controller
Intel® IrisTM
Pro
Graphics.
Up to two
independent
screens.
Intel® HD Graphics. Up to two independent screens.
Intel® IrisTM
Pro
Graphics
P580
Intel® HD
Graphics
630
Intel® HD
Graphics 620
Intel® HD
Graphics
610
Intel® HD
Graphics
630
Intel® HD
Graphics
620
Intel® HD
Graphics
610
Intel HD
Graphics
500
Watchdog
Yes
Operating
system
Windows OS
Windows 10
IoT
Enterprise
2016 LTSB -
64 bit
Windows 10
IoT
Enterprise
2021 LTSC -
64 bit
Windows 10
IoT
Enterprise
2019 LTSC -
64 bit
Windows 10
IoT
Enterprise
2021 LTSC -
64 bit
Windows 10
IoT
Enterprise
2016 LTSB -
64 bit
Windows 10
IoT
Enterprise
2019 LTSC -
64 bit
Windows 10
IoT
Enterprise
2021 LTSC -
64 bit
Windows 10
IoT
Enterprise
2016 LTSB -
64 bit
Windows 10
IoT
Enterprise
2019 LTSC -
64 bit
Windows 10
IoT
Enterprise
2021 LTSC -
64 bit
Windows 10
IoT
Enterprise
2019 LTSC -
64 bit
Windows 10
IoT
Enterprise
2021 LTSC -
64 bit
Windows 10 IoT Enterprise
2016 LTSB - 64 bit
Windows 10 IoT Enterprise
2019 LTSC - 64 bit
Windows 10 IoT Enterprise
2021 LTSC - 64 bit
Windows 10
IoT
Enterprise
2019 LTSC -
64 bit
Windows 10
IoT
Enterprise
2021 LTSC -
64 bit
Storage
devices
Drives
*1
Hard Disk Drive
• 320 GB,
500 GB,
1 TB
•500 GB,
1 TB
• 320 GB
N/A
Solid
State
Drive
SLC
type
• 64 GB
N/A
MLC
type
•128 GB,
500 GB
•128 GB,
256 GB,
500 GB
• 128 GB
• 64 GB, 128 GB, 256 GB
3DTLC
type
• 128 GB, 256 GB, 512 GB, 1 TB
• 128 GB, 256 GB
Drive bays (HDD/SSD)
*2
2
2
2
2
CFast slot
CFast slot
CFast slot
CFast slot
Hardware-RAID support
NYB1E-
@2@@@
only
NYB27-
@2@@@
only
NYB35-
@2@@@
only
N/A
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com