Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Industrial PC Platform NY-series Industrial Box PC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 11Page - Omron Electronics LLC NA-RTSM Datasheet HTML 12Page - Omron Electronics LLC NA-RTSM Datasheet HTML 13Page - Omron Electronics LLC NA-RTSM Datasheet HTML 14Page - Omron Electronics LLC NA-RTSM Datasheet HTML 15Page - Omron Electronics LLC NA-RTSM Datasheet HTML 16Page - Omron Electronics LLC NA-RTSM Datasheet HTML 17Page - Omron Electronics LLC NA-RTSM Datasheet HTML 18Page - Omron Electronics LLC NA-RTSM Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
NYB
15
Environmental Specifications
*1. The allowed ambient operating temperature and ambient humidity depend on product type, CPU type, mounting orientation, and storage device type.
*2. Vibration resistance depends on the Industrial Box PC's mounting orientation and storage device type:
*3. Refer to the OMRON website (www.ia.omron.com) or contact your OMRON representative for the most recent applicable standards for each model.
Storage Device Specifications
Item
Specifications
Operation
environment
Ambient operating temperature
*1 0 to 55°C
Ambient storage temperature
*1
-20 to 70°C
Ambient operating humidity
*1 10% to 90% with no condensation
Ambient storage humidity
*1
10% to 90% with no condensation
Operating atmosphere
No corrosive gases
Altitude
2,000 m max.
Noise resistance
(during operation)
Conforms to IEC61000-4-4, 2kV (power lines)
Vibration resistance
(during operation)
Conforms to IEC 60068-2-6.
For a product with an SSD: 5 to 8.4 Hz with 3.5 mm single amplitude and 8.4 to 150 Hz with 9.8 m/s² for 10 times
each in X, Y and Z directions.
For a product with a HDD the vibration resistance depends on the mounting orientation
*2.
Shock resistance
(during operation)
Conforms to IEC 60068-2-27.
147 m/s2, 3 times in each X, Y and Z directions
Installation method
Book mount, Wall mount
Pollution degree
2 or less: Meets IEC 61010-2-201.
Applicable standards
*3
EU Directives: EMC Directive 2014/30/EU (EN 61131-2) and RoHS Directive
KC Registration, RCM, cULus
Mounting orientation
SSD or CFast Card
HDD
Book
9.8 m/s2
2.5 m/s2
Wall
4.9 m/s2
Item
Specifications
Model
NY000-
AS00
NY000-
AS01
NY000-
AS03
NY000-
AS04
NY000-
AS05
NY000-
AS07
NY000-
AS08
NY000-
AS09
NY000-
AS10
NY000-
AS11
NY000-
AS12
NY000-
AS13
Capacity
32 GB
64 GB
64 GB
128 GB
500 GB
1 TB
256 GB
128 GB
256 GB
512 GB
1 TB
2 TB
Type
SSD (SLC)
SSD
(SLC)
SSD
(MLC)
SSD
(MLC)
SSD
(3DTLC)
SSD
(MLC)
SSD
(3DTLC)
SSD
(3DTLC)
SSD
(3DTLC)
SSD
(3DTLC)
SSD
(3DTLC)
S.M.A.R.T.
support
Yes
Rotation
speed
−−
−−−−−−
−−−−
Interface
Serial ATA 3.1
Sustained
standard
read speed
Up to
160 MB/s
Up to
160 MB/s
Up to
500 MB/s
Up to
530 MB/s
Up to
415 MB/s
Up to
550 MB/s
Up to
530 MB/s
Up to
550 MB/s
Up to
550 MB/s
Up to
550 MB/s
Up to
550 MB/s
Up to
550 MB/s
Sustained
standard
write speed
Up to
145 MB/s
Up to
150 MB/s
Up to
370 MB/s
Up to
190 MB/s
Up to
200 MB/s
Up to
340 MB/s
Up to
210 MB/s
Up to
450 MB/s
Up to
485 MB/s
Up to
500 MB/s
Up to
510 MB/s
Up to
510 MB/s
Operating
temperature
0 to 70°C
Operating
humidity
10% to 95%
(with no condensation)
10% to
85%
(with no
condensat
ion)
10% to 95%
(with no condensation)
5% to 90% (with no condensation)
Storage
temperature
-40 to 100°C
-45 to
90°C
-55 to 95°C
-40 to 85°C
Storage
humidity
10% to 95% (with no condensation)
5% to 93% (with no condensation)
Life
1,500 TB
written
3,000 TB
written
1900 TB
written
208 TB
written
154 TB
written
1000 TB
written
416 TB
written
90 TB
written
230 TB
written
550 TB
written
1200 TB
written
3000 TB
written



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com