Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LSGA Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 3Page - Omron Electronics LLC F39-LSGA Datasheet HTML 4Page - Omron Electronics LLC F39-LSGA Datasheet HTML 5Page - Omron Electronics LLC F39-LSGA Datasheet HTML 6Page - Omron Electronics LLC F39-LSGA Datasheet HTML 7Page - Omron Electronics LLC F39-LSGA Datasheet HTML 8Page - Omron Electronics LLC F39-LSGA Datasheet HTML 9Page - Omron Electronics LLC F39-LSGA Datasheet HTML 10Page - Omron Electronics LLC F39-LSGA Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 109 page
background image
F3SG-SR/PG
7
Arm/Leg protection (Detection capability: 45-mm dia.)
Body protection (Detection capability: 85-mm dia.)
Safety Multi-Light Beam F3SG-PG
Perimeter access guarding (Beam gap: 300 to 500 mm)
Perimeter guarding long range (Beam gap: 300 to 500 mm)
Perimeter guarding passive mirror (Beam gap: 300 to 500 mm)
Number of beams
Protective height
(mm)
Advanced
Standard
Model
Model
6
240
F3SG-4SRA0240-45
F3SG-4SRB0240-45
10
400
F3SG-4SRA0400-45
F3SG-4SRB0400-45
14
560
F3SG-4SRA0560-45
F3SG-4SRB0560-45
18
720
F3SG-4SRA0720-45
F3SG-4SRB0720-45
22
880
F3SG-4SRA0880-45
F3SG-4SRB0880-45
30
1,200
F3SG-4SRA1200-45
F3SG-4SRB1200-45
38
1,520
F3SG-4SRA1520-45
F3SG-4SRB1520-45
Number of beams
Protective height
(mm)
Advanced
Standard
Model
Model
4
280
F3SG-4SRA0280-85
F3SG-4SRB0280-85
6
440
F3SG-4SRA0440-85
F3SG-4SRB0440-85
8
600
F3SG-4SRA0600-85
F3SG-4SRB0600-85
10
760
F3SG-4SRA0760-85
F3SG-4SRB0760-85
12
920
F3SG-4SRA0920-85
F3SG-4SRB0920-85
Number of beams
Beam gap
(mm)
Product length
(mm)
Advanced
Model
2
500
670
F3SG-4PGA0670-2A
3
400
970
F3SG-4PGA0970-3A
4
300
1,070
F3SG-4PGA1070-4A
4
400
1,370
F3SG-4PGA1370-4A
Number of beams
Beam gap
(mm)
Product length
(mm)
Advanced
Model
2
500
670
F3SG-4PGA0670-2L
3
400
970
F3SG-4PGA0970-3L
4
300
1,070
F3SG-4PGA1070-4L
4
400
1,370
F3SG-4PGA1370-4L
Number of beams
Beam gap
(mm)
Product length
(mm)
Advanced
Model
2
500
670
F3SG-4PGA0670-2C
4
300
1,070
F3SG-4PGA1070-4C
4
400
1,370
F3SG-4PGA1370-4C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com