Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LSGA Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 4Page - Omron Electronics LLC F39-LSGA Datasheet HTML 5Page - Omron Electronics LLC F39-LSGA Datasheet HTML 6Page - Omron Electronics LLC F39-LSGA Datasheet HTML 7Page - Omron Electronics LLC F39-LSGA Datasheet HTML 8Page - Omron Electronics LLC F39-LSGA Datasheet HTML 9Page - Omron Electronics LLC F39-LSGA Datasheet HTML 10Page - Omron Electronics LLC F39-LSGA Datasheet HTML 11Page - Omron Electronics LLC F39-LSGA Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 109 page
background image
F3SG-SR/PG
8
Accessories (Sold separately)
Bracket Common to F3SG-SR and F3SG-PG
Side mounting and backside mounting are possible.
For fixed mounting
* Protective height of 0160 to 1440: 2 set (4 brackets), protective height of 1520 to 2480: 3 sets (6 brackets)
The bracket allows beam adjustment after the F3SG-SR/PG is mounted on it.
*1. Protective height of 0160 to 0280: 1 set (2 brackets), protective height of 0320 to 1440: 2 sets (4 brackets), protective height of 1520 to 2480:
3 sets (6 brackets)
*2. Using Adjustable Top/Bottom Brackets with Side-Mount Brackets (Intermediate Brackets) or Adjustable Side-Mount Brackets (Intermediate
Brackets)
Protective height of 0840 or less:
The Side-Mount Bracket (Intermediate Bracket) or Adjustable Side-Mount Bracket (Intermediate Bracket) is not required. Use 2 sets of
Adjustable Top/Bottom Brackets.
Protective height of 0880 to 1680:
Use 2 sets of Adjustable Top/Bottom Brackets and 1 set of Side-Mount Brackets (Intermediate Brackets) or Adjustable Side-Mount Brackets
(Intermediate Brackets).
Protective height of 1760 to 2480:
Use 2 sets of Adjustable Top/Bottom Brackets and 2 sets of Side-Mount Brackets (Intermediate Brackets) or Adjustable Side-Mount Brackets
(Intermediate Brackets).
Refer to Dimensions on page 38 and following.
Application
Appearance
Type
Model
Bracket to mount the F3SG-SR/PG.
Side mounting and backside mounting possible.
Beam alignment after mounting of F3SG-SR/PG not possible.
Two brackets per set (See * below for the number of sets
required for each model.)
Standard Bracket
(Intermediate Bracket)
F39-LSGF
Application
Appearance
Type
Model
The angle adjustment range is ±15°.
Two brackets per set (See *1 below for the number of sets
required for each model.)
Adjustable Side-Mount Bracket
(Intermediate Bracket)
F39-LSGA
Use this bracket at the top and bottom positions of the F3SG-
SR/PG.
The angle adjustment range is ±22.5°.
Use this bracket when replacing an existing F3SJ or F3SN
Safety Light Curtain.
Two brackets per set (See *2 below for the number of sets
required for each model.)
Adjustable Top/Bottom Bracket
F3SJ, F3SN Adapter
F39-LSGTB-SJ
Use this bracket at the top and bottom positions of the F3SG-
SR/PG.
The angle adjustment range is ±22.5°.
Use this bracket when replacing an existing F3SG-RA/RE
Safety Light Curtain.
Two brackets per set (See *2 below for the number of sets
required for each model.)
Adjustable Top/Bottom Bracket
F3SG-RA/RE Adapter
F39-LSGTB-RE
Use this bracket at the top and bottom positions of the F3SG-
SR/PG.
The angle adjustment range is ±22.5°.
Use this bracket when replacing an existing MS4800 or F3SR
Safety Light Curtain.
Two brackets per set (See *2 below for the number of sets
required for each model.)
Adjustable Top/Bottom Bracket
MS4800, F3SR Adapter
F39-LSGTB-MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com