Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LSGA Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 4 Page - Omron Electronics LLC

  F39-LSGA Datasheet HTML 1Page - Omron Electronics LLC F39-LSGA Datasheet HTML 2Page - Omron Electronics LLC F39-LSGA Datasheet HTML 3Page - Omron Electronics LLC F39-LSGA Datasheet HTML 4Page - Omron Electronics LLC F39-LSGA Datasheet HTML 5Page - Omron Electronics LLC F39-LSGA Datasheet HTML 6Page - Omron Electronics LLC F39-LSGA Datasheet HTML 7Page - Omron Electronics LLC F39-LSGA Datasheet HTML 8Page - Omron Electronics LLC F39-LSGA Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 109 page
background image
F3SG-SR/PG
4
Safety Multi-Light Beam F3SG-PG
Note: 1. The purpose of this model number legend is to provide understanding of the meaning of specifications from the model number.
Models are not available for all combinations of code numbers.
See Ordering Information on page 7 for details.
2. The bracket is not included. Order brackets sold separately.
3. Connection cables are not included with the safety multi-light beam. Order cables sold separately.
No.
Classification
Code
Meaning
Remarks
(1)
ESPE
4
Type 4
(2)
Function
A
Advanced
(3)
Product length
0670
Product length (mm)
0970
1070
1370
(4)
Number of beams/
beam gap
2
2 beams/500 mm
Product length: 670 mm
3 *
3 beams/400 mm
Product length: 970 mm
* Not available for Perimeter guarding
passive mirror
4
4 beams/300 or 400 mm
Product length: 1,070 or 1,370 mm
(5)
Application
A
Perimeter access guarding
L
Perimeter guarding long range
C
Perimeter guarding passive mirror
(6)
Option 1
Blank
Set of emitter and receiver or set of emitter/receiver
and passive mirror
(7)
Option 2
Blank
F3SG-4PG A  - 
-  - 
(1)
(2)
(3)
(4) (5)
(7)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com