Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LSGA Datasheet(PDF) 29 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 25Page - Omron Electronics LLC F39-LSGA Datasheet HTML 26Page - Omron Electronics LLC F39-LSGA Datasheet HTML 27Page - Omron Electronics LLC F39-LSGA Datasheet HTML 28Page - Omron Electronics LLC F39-LSGA Datasheet HTML 29Page - Omron Electronics LLC F39-LSGA Datasheet HTML 30Page - Omron Electronics LLC F39-LSGA Datasheet HTML 31Page - Omron Electronics LLC F39-LSGA Datasheet HTML 32Page - Omron Electronics LLC F39-LSGA Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 109 page
background image
F3SG-SR/PG
29
Bluetooth® Communication Unit F39-SGBT
* It depends on use environment conditions.
Model
F39-SGBT
Applicable sensor
F3SG-SR/PG
Power supply voltage (Vs)
24 VDC±20%, ripple p-p 10% max. (shares power supply of Intelligent Tap)
Current consumption
30 mA max. (shares power supply of Intelligent Tap)
Ambient temperature
Operating: -30 to 55 °C (non-icing)
Storage: -30 to 70 °C
Ambient humidity
Operating: 35% to 85% (non-condensing)
Storage: 35% to 85%
Degree of protection
IP65, IP67 and IP67G (rated when connected to Intelligent Tap)
Vibration resistance
10 to 55 Hz, Multiple amplitude of 0.7 mm, 20 sweeps for all 3 axes
Shock resistance
100m/s2, 1000 shocks for all 3 axes
Type of connection
To be connected to Intelligent Tap
Communication system
Bluetooth® Version 3.0
Communication profile
SPP (Serial Port Profile)
Transmission distance
Approx. 10 m max. (Output power: Class 2) *
Material
PBT resin
Weight
70 g (when packaged)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com