Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LSGA Datasheet(PDF) 83 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 83 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 79Page - Omron Electronics LLC F39-LSGA Datasheet HTML 80Page - Omron Electronics LLC F39-LSGA Datasheet HTML 81Page - Omron Electronics LLC F39-LSGA Datasheet HTML 82Page - Omron Electronics LLC F39-LSGA Datasheet HTML 83Page - Omron Electronics LLC F39-LSGA Datasheet HTML 84Page - Omron Electronics LLC F39-LSGA Datasheet HTML 85Page - Omron Electronics LLC F39-LSGA Datasheet HTML 86Page - Omron Electronics LLC F39-LSGA Datasheet HTML 87Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 109 page
background image
Common to F3SG-SR and F3SG-PG
83
Connections (Basic Wiring Diagram)
F3SG-SR/PG
Examples of a motor control system using the F3SG-SR/PG are shown below. The examples are equivalent to up to PLe, Category 4 (ISO 13849-1).
Non-Muting System Wiring Examples
Auto Reset Mode with Optical Synchronization and EDM Unused
[Wiring Example 1 (F3SG-SR and F3SG-PGA-A/-L)]
Note: Functional earth connection to the F3SG-SR/PG housing is unnecessary when you use the F3SG-SR/PG in a general industrial environment
where noise control or stable power supply is considered. However, when you use the F3SG-SR/PG in an environment where there may
be excessive noise from surroundings or stable power supply may be interfered, it is recommended the F3SG-SR/PG be connected to
functional earth.
The wiring examples in later pages do not indicate functional earth. To use functional earth, wire an earth cable according to the example
above. Refer to the User's Manual (Man.No.Z405) for more information.
F3SG-SRA
Available
F3SG-PGA-A/-L
Available
F3SG-SRB
Available
F3SG-PGA-C
Available
Beam state: Unblocked
Blocked
OSSD
F39-JG
†C-L
F39-JG
†C-D
Timing chart
24 VDC
Wiring for NPN
*1
*7
24 VDC
IN1
Safety controller
*5 *6
IN2
Intelligent Tap
Not needed
*1. Reverse the polarity of the power supply when using in the NPN system. Select a safety
controller of PNP or NPN type according to the system of your application.
*2. Connect the line to 0 V if F3SG-SR or F3SG-PGA-L is used in Short Mode.
*3. If External Test is used, refer to the User's Manual (Man.No.Z405).
*4. Connect the line to 24V/0V (brown) of the receiver via a lockout reset switch (NC contact) if
Lockout Reset is used.
*5. Refer to page 79 for more information.
*6. The safety controller and the F3SG-SR/PG must share the power supply or be connected
to the common terminal of the power supply.
*7. This is the case for a PELV circuit.
Function
Setting
EDM
EDM Disabled (factory default setting)
Interlock
Auto Reset (factory default setting)
Operating Range Selection
Long : Open the OPERATING RANGE SELECT INPUT line of the emitter or connect the line to 24 VDC.
Non-Muting system
Perform wiring according to the wiring diagram.
External Test not used
Connect the TEST line of the emitter to 0V/24V of the emitter.
Optical Synchronization
Do not connect the COM(+) and COM(-) lines of the of emitter and receiver with each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com