Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LSGA Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 1 Page - Omron Electronics LLC

  F39-LSGA Datasheet HTML 1Page - Omron Electronics LLC F39-LSGA Datasheet HTML 2Page - Omron Electronics LLC F39-LSGA Datasheet HTML 3Page - Omron Electronics LLC F39-LSGA Datasheet HTML 4Page - Omron Electronics LLC F39-LSGA Datasheet HTML 5Page - Omron Electronics LLC F39-LSGA Datasheet HTML 6Page - Omron Electronics LLC F39-LSGA Datasheet HTML 7Page - Omron Electronics LLC F39-LSGA Datasheet HTML 8Page - Omron Electronics LLC F39-LSGA Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 109 page
background image
1
Safety Light Curtain/Safety Multi-Light Beam
F3SG-SR/PG
Easy to monitor and ready for IoT
• Conforms to major international standards
• Environmental resistance and rugged structure for use in
any environment (IP67, IP67G *1, IP69K *2)
• A broad line-up, from finger protection to body protection
• Flexible height model for easy integration into machines and lines
• For diverse applications, from simple protection to data utilization
*1. IEC 60529/JIS C 0920 Annex 1
*2. Available with the F3SG-SR-K IP69K Model.
Key Features
*1. DIP Switch is on the F39-SGIT-IL3 Intelligent Tap.
*2. The F39-SGIT-IL3 Intelligent Tap is necessary to use the SD Manager 3 or SD Manager 3 Mobile APP.
*3. Mutual interference can be prevented by Optical Synchronization or Wired Synchronization.
*4. Mutual interference can be prevented by Scan Code Selection.
*5. In the case of setting by DIP Switch or SD Manager 3. For the setting by wiring, it is selectable from the Long and Short modes.
*6. Mutual interference cannot be prevented using the End Cap. The scan code is fixed to Code A.
*7. The F3SG-SRB does not record vibration.
Feature
Availability
Setting/monitoring by
Factory default setting
Sensor
Intelligent
Tap
PC/Smartphone
Wiring
End Cap DIP Switch
*1
SD Manager 3/
SD Manger 3
Mobile APP *2
Mutual interference prevention
X
X
X
X
X
X
*6
X
*4
X
*4
---
---
Code A *4
PNP/NPN selection
X
X
X
X
X
X
X
---
---
---
---
External test
X
X
X
X
X
X
X
---
---
---
---
Interlock
X
X
X
X
X
X
---
---
X
X
Auto reset
Pre-reset
X
X
X
X
X
X
---
---
X
X
Disabled
PSDI
X
X
---
---
---
X
---
---
ー
X
Disabled
External Device Monitoring (EDM)
X
X
X
X
X
X
---
---
X
X
Disabled
Auxiliary output
X
X
X
X
X
X
---
---
---
X
Safety output information
(Inverted signal output:
Enabled)
Muting
X
X
X
X
X
X
---
---
---
X
Enabled (Standard Muting)
Override
X
X
X
X
X
X
---
---
---
X
Enabled
Fixed blanking
X
X
---
---
---
X
---
---
X
X
Disabled
Floating blanking
X
X
---
---
---
X
---
---
X
X
Disabled
Reduced resolution
X
X
---
---
---
X
---
---
---
X
Disabled
Warning zone
X
X
---
---
---
---
---
---
---
X
Disabled
Operating range selection
X
X
---
X
---
X
X
---
X
X
Long *5
Response time adjustment
X
X
X
X
X
X
---
---
---
X
Normal
Area Beam Indicator (ABI)
X
---
X
X
X
---
---
---
---
X
Block/Unblock information
Designated beam output
X
X
X
X
X
X
---
---
---
X
Disabled
Stable light threshold adjustment
X
X
X
X
X
X
---
---
---
X
170%
Light Level Monitoring/
Interference Light Display
X
X
X
X
X
X
---
---
---
X
---
Maintenance information
X
X
X
X
X
X
---
---
---
X
---
Operation status monitoring
X
X
X
X
X
X
---
---
---
X
---
Instantaneous block detection
information
X
X
*7
X
X
X
---
---
---
---
X
Enabled
For the most recent information on models that have been
certified for safety standards, refer to your local OMRON
website.


Similar Part No. - F39-LSGA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
F39-LGA OMRON-F39-LGA Datasheet
30Mb / 164P
Safety Light Curtain
F39-LGF OMRON-F39-LGF Datasheet
30Mb / 164P
Safety Light Curtain
F39-LGMAL OMRON-F39-LGMAL Datasheet
30Mb / 164P
Safety Light Curtain
F39-LGMAT OMRON-F39-LGMAT Datasheet
30Mb / 164P
Safety Light Curtain
F39-LGRA OMRON-F39-LGRA Datasheet
30Mb / 164P
Safety Light Curtain
More results

Similar Description - F39-LSGA

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
YBB-14K4-0150-G012 CONTRINEX-YBB-14K4-0150-G012 Datasheet
212Kb / 3P
SAFETY LIGHT CURTAIN
YBB-30K2-0150-G012 CONTRINEX-YBB-30K2-0150-G012 Datasheet
211Kb / 3P
SAFETY LIGHT CURTAIN
YBB-14K4-0250-G012 CONTRINEX-YBB-14K4-0250-G012 Datasheet
212Kb / 3P
SAFETY LIGHT CURTAIN
YBB-30K4-0250-G012 CONTRINEX-YBB-30K4-0250-G012 Datasheet
226Kb / 3P
SAFETY LIGHT CURTAIN
YBB-30K2-0250-G012 CONTRINEX-YBB-30K2-0250-G012 Datasheet
211Kb / 3P
SAFETY LIGHT CURTAIN
logo
Pepperl+Fuchs Inc.
SLCS14 PF-SLCS14 Datasheet
862Kb / 7P
Safety light curtain
2023-02-14
SLCS30 PF-SLCS30 Datasheet
871Kb / 7P
Safety light curtain
2023-02-14
SLCS60 PF-SLCS60 Datasheet
868Kb / 7P
Safety light curtain
2023-02-14
SLCS90 PF-SLCS90 Datasheet
868Kb / 7P
Safety light curtain
2023-02-14
SLCT14 PF-SLCT14 Datasheet
862Kb / 7P
Safety light curtain
2023-02-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com