Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LSGA Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 7Page - Omron Electronics LLC F39-LSGA Datasheet HTML 8Page - Omron Electronics LLC F39-LSGA Datasheet HTML 9Page - Omron Electronics LLC F39-LSGA Datasheet HTML 10Page - Omron Electronics LLC F39-LSGA Datasheet HTML 11Page - Omron Electronics LLC F39-LSGA Datasheet HTML 12Page - Omron Electronics LLC F39-LSGA Datasheet HTML 13Page - Omron Electronics LLC F39-LSGA Datasheet HTML 14Page - Omron Electronics LLC F39-LSGA Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
F3SG-SR/PG
11
[Cascading Cable]
Side-by-side Cascading Cable (Two cables per set, one for emitter and one for receiver)
Note: To extend the cable length between the series-connected sensors to more than 12 cm, add the F39-JGR3W Cascading Cable for Extended.
Cascading Cable for Extended (Two cables per set, one for emitter and one for receiver)
Note: To extend the cable length between the series-connected sensors to more than 60 cm, connect the F39-JGB- Extended Plug-Socket
Cable (up to 10 m: F39-JG10B-) to the F39-JGR3W Cascading Cable for Extended.
Extension cable between sensors: 10 m max. (not including Cascading Cable for Extended (F39-JGR3W) and Root Cable
(F39-JGR3K-L/-D).)
Appearance
Type
Specifications
Cable length
Model
For emitter
To sensors: dedicated connector 1,
To cascading sensors: dedicated
connector 2
Color: Gray
For receiver
To sensors: dedicated connector 1,
To cascading sensors: dedicated
connector 2
Color: Black
Used to series-connect sensors with the
minimum cable length of 12 cm.
IP67 and IP67G (JIS C 0920 Annex 1)
rated when mated.
12 cm
F39-JGR12L
Appearance
Type
Specifications
Cable length
Model
For emitter
To sensors: dedicated connector,
To cascading sensors: M12
connector type (5 pin)
Color: Gray
For receiver
To sensors: dedicated connector,
To cascading sensors: M12
connector type (8 pin)
Color: Black
Used together with the F39-JGR3K Root-
Plug Cable for Extended to extend the
cable length between the series-connected
sensors to more than 12 cm.
IP67 and IP67G (JIS C 0920 Annex 1)
rated when mated.
0.3 m
F39-JGR3W
Remove the cap
Remove the cap
F39-JGR3K-L (Gray)
F39-JG
@B-L (Gray)
F39-JGR3W-L (Gray)
F39-JGR3W-D (Black)
F39-JGR3K-D (Black)
Emitter
Receiver
F39-JG
@B-D (Black)
Root-Plug Cable for Extended
Extended Plug-Socket Cable
Cascading Cable for Extended
F39-JGR3K-L (Gray)
F39-JGR3K-D (Black)
Emitter
Receiver
Root-Plug Cable for Extended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com