Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LSGA Datasheet(PDF) 98 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 98 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 94Page - Omron Electronics LLC F39-LSGA Datasheet HTML 95Page - Omron Electronics LLC F39-LSGA Datasheet HTML 96Page - Omron Electronics LLC F39-LSGA Datasheet HTML 97Page - Omron Electronics LLC F39-LSGA Datasheet HTML 98Page - Omron Electronics LLC F39-LSGA Datasheet HTML 99Page - Omron Electronics LLC F39-LSGA Datasheet HTML 100Page - Omron Electronics LLC F39-LSGA Datasheet HTML 101Page - Omron Electronics LLC F39-LSGA Datasheet HTML 102Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 109 page
background image
Common to F3SG-SR and F3SG-PG
98
Description
Checking by
Error code
(hex)
*
1
Cause and measures
Indicator
SD Manager 3/
SD Manager 3
Mobile APP
Safety output error
X
X
60, 6B, 6C
The OSSD lines may be short-circuited to each other or
another signal line may be short-circuited to the OSSD
line.
Wire the OSSD lines properly.
56
The polarity does not match between the power supply
and the OSSD lines.
Check if a correct polarity is selected for the PNP/NPN
setting according to your application. Also check:
• if the power supply (0 VDC or 24 VDC) of the Intelligent
Tap and F3SG-SR/PG is wired as intended.
• if the OSSD lines are properly wired.
Recoverable error
X
---
---
The error may occur due to a temporary cause. Identify the
cause by the status of the other LED indicator and take
measures.
Replacement-recommended error
The error may occur due to a product failure. If the
measure according to the status of the other LED indicator
does not work, it is recommended to replace the F3SG-
SR/PG.
Intelligent Tap error
X
---
---
An error due to noise may have occurred in the internal
circuit of the Intelligent Tap.
Check the noise level in the environment.
The internal circuit of the Intelligent Tap may be defective.
Replace the Intelligent Tap.
Error due to change of PNP/NPN
polarity during operation
X
X
E7
An error due to noise may have occurred in the internal
circuit.
Check the noise level in the environment.
The internal circuit may be defective.
Replace the F3SG-SR/PG.
Blanking monitoring error
X
X
EC
An error is detected by the Fixed Blanking Monitoring
function or the Floating Blanking Monitoring function.
Configuration error
X
X
39, 3A, 3B
The cascading cable may be short-circuited, broken, or
disconnected. Check that the cascading cable should be
tightly connected. If the cascading cable is broken, replace
it.
The number of connected sensors or beams may have
exceeded the maximum value due to cascading.
Check the configuration.
3C, 3E, 3F
A model name does not match between emitter and
receiver. Check that the emitter and receiver are the same
model.
34
An error may have occurred to the internal information of
the model name of the F3SG-SR/PG due to effect of noise.
If other devices using the same power supply generate
noise, do not share the same power supply with other
devices, and use a separate power supply exclusively for
the safety components.
The inductive noise tends to be induced especially if the
power supply line of the machine guarded and the power
supply line of the Intelligent Tap are arranged in parallel.
Arrange the exclusive power supply near the Intelligent
Tap or lay the power supply line of the Intelligent Tap away
from the power supply line of the machine guarded.
If the power supply for the Intelligent Tap is located near
the power supply of the machine guarded and it shares the
same grounding wire, it is subject to the influence of
common mode noise.
Separate the grounding point or use it as the exclusive
ground.
An error may have occurred in the internal circuit.
Replace the F3SG-SR/PG.
Parameter error
X
X
F1
The settings do not match between the Intelligent Tap and
F3SG-SR/PG. Perform the Backup.
40
The settings of the F3SG-SR/PG may be faulty. Check if
the settings are correct.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com