Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LSGA Datasheet(PDF) 36 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 36 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 32Page - Omron Electronics LLC F39-LSGA Datasheet HTML 33Page - Omron Electronics LLC F39-LSGA Datasheet HTML 34Page - Omron Electronics LLC F39-LSGA Datasheet HTML 35Page - Omron Electronics LLC F39-LSGA Datasheet HTML 36Page - Omron Electronics LLC F39-LSGA Datasheet HTML 37Page - Omron Electronics LLC F39-LSGA Datasheet HTML 38Page - Omron Electronics LLC F39-LSGA Datasheet HTML 39Page - Omron Electronics LLC F39-LSGA Datasheet HTML 40Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 109 page
background image
F3SG-SR/PG
36
Body protection (Detection capability: 85-mm dia.)
Models and Response Times
Note: 1. The maximum speed of movement of a test rod up to which the detection capability is maintained is 2.0 m/s.
2. The response times of "Optical synchronization" are values when Scan Code is set at Code B. The response times for Code A are 1 ms
shorter than these values.
Models, Current Consumption and Weight
Note: 1. The net weight is the weight of an emitter and a receiver per set.
2. The gross weight is the weight of an emitter, a receiver, included accessories and a package.
Model
Number of
beams
Protective
height [mm]
Response time
(Optical synchronization) [ms]
Response time
(Wired
synchronization)
[ms]
ON to
OFF
OFF
(synchronized)
to ON
OFF (not
synchronized)
to ON
ON to
OFF
OFF to
ON
F3SG-4SR0280-85 F3SG-2SRB0280-85
4
280
8
40
140
10
50
F3SG-4SR0440-85 F3SG-2SRB0440-85
6
440
8
40
140
10
50
F3SG-4SR0600-85 F3SG-2SRB0600-85
8
600
8
40
140
10
50
F3SG-4SR0760-85 F3SG-2SRB0760-85
10
760
8
40
140
10
50
F3SG-4SR0920-85 F3SG-2SRB0920-85
12
920
8
40
140
10
50
Model
Number of
beams
Protective
height [mm]
Current consumption [mA]
Weight [kg]
Emitter
Receiver
Net
Gross
F3SG-4SRA0280-85
4
280
63
111
0.7
1.1
F3SG-SRB0280-85
4
280
50
95
0.7
1.1
F3SG-4SRA0440-85
6
440
72
120
1.1
1.6
F3SG-SRB0440-85
6
440
52
95
1.1
1.6
F3SG-4SRA0600-85
8
600
81
128
1.5
2.1
F3SG-SRB0600-85
8
600
54
96
1.5
2.1
F3SG-4SRA0760-85
10
760
91
136
1.9
2.5
F3SG-SRB0760-85
10
760
56
96
1.9
2.5
F3SG-4SRA0920-85
12
920
100
145
2.3
3.0
F3SG-SRB0920-85
12
920
58
96
2.3
3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com