Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LSGA Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 28Page - Omron Electronics LLC F39-LSGA Datasheet HTML 29Page - Omron Electronics LLC F39-LSGA Datasheet HTML 30Page - Omron Electronics LLC F39-LSGA Datasheet HTML 31Page - Omron Electronics LLC F39-LSGA Datasheet HTML 32Page - Omron Electronics LLC F39-LSGA Datasheet HTML 33Page - Omron Electronics LLC F39-LSGA Datasheet HTML 34Page - Omron Electronics LLC F39-LSGA Datasheet HTML 35Page - Omron Electronics LLC F39-LSGA Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 109 page
background image
F3SG-SR/PG
32
Hand protection (Detection capability: 25-mm dia.)
Models and Response Times
Note: 1. The maximum speed of movement of a test rod up to which the detection capability is maintained is 2.0 m/s.
2. The response times of "Optical synchronization" are values when Scan Code is set at Code B. The response times for Code A are 1 ms
shorter than these values.
Model
Number of
beams
Protective
height [mm]
Response time
(Optical synchronization) [ms]
Response time
(Wired
synchronization)
[ms]
ON to
OFF
OFF
(synchronized)
to ON
OFF (not
synchronized)
to ON
ON to
OFF
OFF to
ON
F3SG-4SR0160-25
F3SG-2SRB0160-25
8
160
8
40
140
10
50
F3SG-4SR0200-25-F
---
10
200
8
40
140
10
50
F3SG-4SR0240-25
F3SG-2SRB0240-25
12
240
8
40
140
10
50
F3SG-4SR0280-25-F
---
14
280
8
40
140
10
50
F3SG-4SR0320-25
F3SG-2SRB0320-25
16
320
8
40
140
10
50
F3SG-4SR0360-25-F
---
18
360
8
40
140
10
50
F3SG-4SR0400-25
F3SG-2SRB0400-25
20
400
8
40
140
10
50
F3SG-4SR0440-25-F
---
22
440
8
40
140
10
50
F3SG-4SR0480-25
F3SG-2SRB0480-25
24
480
8
40
140
10
50
F3SG-4SR0520-25-F
---
26
520
8
40
140
10
50
F3SG-4SR0560-25
F3SG-2SRB0560-25
28
560
8
40
140
10
50
F3SG-4SR0600-25-F
---
30
600
8
40
140
10
50
F3SG-4SR0640-25
F3SG-2SRB0640-25
32
640
8
40
140
10
50
F3SG-4SR0680-25-F
---
34
680
8
40
140
10
50
F3SG-4SR0720-25
F3SG-2SRB0720-25
36
720
8
40
140
10
50
F3SG-4SR0760-25-F
---
38
760
8
40
140
10
50
F3SG-4SR0800-25
F3SG-2SRB0800-25
40
800
8
40
140
10
50
F3SG-4SR0840-25-F
---
42
840
13
65
165
17
85
F3SG-4SR0880-25
F3SG-2SRB0880-25
44
880
13
65
165
17
85
F3SG-4SR0920-25-F
---
46
920
13
65
165
17
85
F3SG-4SR0960-25
F3SG-2SRB0960-25
48
960
13
65
165
17
85
F3SG-4SR1000-25-F
---
50
1000
13
65
165
17
85
F3SG-4SR1040-25
F3SG-2SRB1040-25
52
1040
13
65
165
17
85
F3SG-4SR1120-25
F3SG-2SRB1120-25
56
1120
13
65
165
17
85
F3SG-4SR1200-25
F3SG-2SRB1200-25
60
1200
13
65
165
17
85
F3SG-4SR1280-25
F3SG-2SRB1280-25
64
1280
13
65
165
17
85
F3SG-4SR1360-25
F3SG-2SRB1360-25
68
1360
13
65
165
17
85
F3SG-4SR1440-25
F3SG-2SRB1440-25
72
1440
13
65
165
17
85
F3SG-4SR1520-25
F3SG-2SRB1520-25
76
1520
13
65
165
17
85
F3SG-4SR1600-25
F3SG-2SRB1600-25
80
1600
13
65
165
17
85
F3SG-4SR1680-25
F3SG-2SRB1680-25
84
1680
13
65
165
17
85
F3SG-4SR1760-25
F3SG-2SRB1760-25
88
1760
13
65
165
17
85
F3SG-4SR1840-25
F3SG-2SRB1840-25
92
1840
13
65
165
17
85
F3SG-4SR1920-25
F3SG-2SRB1920-25
96
1920
13
65
165
17
85
F3SG-4SR2080-25
F3SG-2SRB2080-25
104
2080
13
65
165
17
85
F3SG-4SR2280-25
F3SG-2SRB2280-25
114
2280
13
65
165
17
85
F3SG-4SR2480-25
F3SG-2SRB2480-25
124
2480
13
65
165
17
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com