Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LSGA Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 6Page - Omron Electronics LLC F39-LSGA Datasheet HTML 7Page - Omron Electronics LLC F39-LSGA Datasheet HTML 8Page - Omron Electronics LLC F39-LSGA Datasheet HTML 9Page - Omron Electronics LLC F39-LSGA Datasheet HTML 10Page - Omron Electronics LLC F39-LSGA Datasheet HTML 11Page - Omron Electronics LLC F39-LSGA Datasheet HTML 12Page - Omron Electronics LLC F39-LSGA Datasheet HTML 13Page - Omron Electronics LLC F39-LSGA Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 109 page
background image
F3SG-SR/PG
10
[Extension Cable]
Extended Socket-Straight Cable
* When the accessory is used, protect it from cutting oil.
Note: 1. Use with the F39-JGR3K-L/-D Root-Plug Cable for Extended.
2. To extend the cable length to more than 10 m, connect the F39-JGB- Extended Plug-Socket Cable to the F39-JGA- Extended
Socket-Straight Cable.
3. Also available in 7, 15 and 20 m. For detail, contact your Omron representative.
Extended Plug-Socket Cable
* When the accessory is used, protect it from cutting oil.
Note: 1. Use with the F39-JGR3K-L/-D Root-Plug Cable for Extended.
2. To extend the cable length to more than 30 m, connect two or more F39-JGB- Extended Plug-Socket Cable to the F39-JGA-
Extended Socket-Straight Cable.
Example: To extend the cable length to 50 m, connect two F39-JG20B- (20 m) Extended Plug-Socket Cables and one
F39-JG10A- (10 m) Extended Socket-Straight Cable.
3. Also available in 0.5, 1, 5, 7 and 15 m. For detail, contact your Omron representative.
Appearance
Type
Specifications
Cable length
Model
For emitter
M12 connector (5-pin),
5 wires
Color: Gray
3 m
F39-JG3A-L
10 m
F39-JG10A-L
For receiver or
emitter/receiver of F3SG-PG
Perimeter Guarding Passive
Mirror
M12 connector (8-pin),
8 wires
Color: Black
3 m
F39-JG3A-D
10 m
F39-JG10A-D
Appearance
Type
Specifications
Cable length
Model
For emitter
M12 connector (5-pin) on
both ends
Color: Gray
0.5 m
F39-JGR5B-L
1 m
F39-JG1B-L
3 m
F39-JG3B-L
5 m
F39-JG5B-L
7 m
F39-JG7B-L
10 m
F39-JG10B-L
15 m
F39-JG15B-L
20 m
F39-JG20B-L
For receiver or
emitter/receiver of F3SG-PG
Perimeter Guarding Passive
Mirror
M12 connector (8-pin) on
both ends
Color: Black
0.5 m
F39-JGR5B-D
1 m
F39-JG1B-D
3 m
F39-JG3B-D
5 m
F39-JG5B-D
7 m
F39-JG7B-D
10 m
F39-JG10B-D
15 m
F39-JG15B-D
20 m
F39-JG20B-D
5
3
2
1
4
Connected to root cable or Extended Plug-Socket Cable
Brown
Black
Blue
White
Yellow
24V/0V
TEST
0V/24V
COM(+)
OPERATING RANGE SELECT INPUT/COM(-)
1
2
3
4
5
Female
IP67
* rated when mated.
5
8
4
3
2
1
7
6
Female
Connected to root cable or Extended Plug-Socket Cable
IP67
* rated when mated.
Brown
24V/0V
2
Blue
0V/24V
7
Black
OSSD 1
5
White
OSSD 2
6
Yellow
RESET/EDM
1
Red
AUX
8
Gray
MUTE A/PRE-RESET/PSDI/COM(+)
3
Pink
MUTE B/COM(-)
4
Brown
Blue
Black
White
Yellow
1
3
2
4
5
5
3
2
1
4
Brown
Blue
Black
White
Yellow
1
3
2
4
5
5
4
1
2
3
Connected to Root-Plug Cable for
Extended or Extended Plug-Socket Cable
Twisted pair wires are brown and blue, and white and yellow.
IP67
* rated when mated.
Connected to Extended Socket-Straight
Cable or Extended Plug-Socket Cable
Female
Male
Brown
Blue
Black
White
Yellow
Red
Gray
Pink
Blue
Black
White
Yellow
Red
Gray
Pink
2
7
5
6
1
8
3
4
Brown
5
8
4
3
2
1
7
6
5
8
6
7
1
2
3
4
2
7
5
6
1
8
3
4
Connected to Root-Plug Cable for
Extended or Extended Plug-Socket Cable
Twisted pair wires are brown and blue, black and white, yellow and red, and gray and pink.
IP67
* rated when mated.
Connected to Extended Socket-Straight
Cable or Extended Plug-Socket Cable
Female
Male
Emitter
F39-JGR3K-L (Gray)
F39-JG
@B-L (Gray)
F39-JG
@A-L (Gray)
Receiver
F39-JGR3K-D (Black)
F39-JG
@B-D (Black)
Extended
Plug-Socket Cable
Root-Plug Cable for Extended
Extended
Socket-Straight Cable
F39-JG
@A-D (Black)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com