Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC31-C-R5 Datasheet(PDF) 19 Page - Sensirion AG Switzerland

Part # STC31-C-R5
Description  Smart CO2 sensor based on thermal conductivity
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STC31-C-R5 Datasheet(HTML) 19 Page - Sensirion AG Switzerland

Back Button STC31-C-R5 Datasheet HTML 15Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 16Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 17Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 18Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 19Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 20Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 21Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 22Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 23Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
www.sensirion.com / D1
Version 3.3 – November 2024
19 / 23
4.3 Pin assignment
The pin assignments of the STC31-C, bottom view.
Pin no.
Name
Description
1
VSS
Connect to ground
2
-
Reserved. Do not connect
3
ADDR
I2C Address Selection
4
SCL
Serial Clock (I2C Interface)
5
VSS
Connect to ground
6
VDD
VDD Supply
7
SDA
Bidirectional Serial Data (I2C Interface)
8
-
Reserved. Do not connect
9
VSS
Connect to ground
10
-
Reserved. Do not connect
11
VSS
Connect to ground
12
-
Reserved. Do not connect
4.3.1 Power pins (VDD, GND)
The power supply pin must be decoupled with a 100 nF capacitor that shall be placed as close to the sensor as
possible.
4.3.2 Serial clock and serial data (SCL, SDA)
The SCL and SDA are bidirectional pins of the I2C slave interface. The SCL is the Serial Clock pin and the SDA is
the Serial Data pin. For more details about the I2C interface refer to section 3.
Both SCL and SDA lines are open-drain I/Os with diodes to VDD und VSS. They should be connected to external
pull-up resistors (please refer to Figure 3). A device on the I2C bus must only drive a line to ground. The
external pull-up resistors (e.g. Rp = 10 kΩ) are required to pull the signal high. For dimensioning resistor sizes
please take bus capacity and communication frequency into account (see for example Section 7.1 of NXPs I2C
Manual for more details14). It should be noted that pull-up resistors may be included in I/O circuits of
microcontrollers. It is recommended to wire the sensor according to the application circuit in Figure 3.
Figure 3 Typical application circuit. Please note that the positioning of the pins does not reflect the position of
the sensor’s orientation in the reel. This is shown in section 5. The pin numbers corresponding to the schematic
in section 4.3 are indicated.
14
http://www.nxp.com/documents/user_manual/UM10204.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com