Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC31-C-R5 Datasheet(PDF) 13 Page - Sensirion AG Switzerland

Part # STC31-C-R5
Description  Smart CO2 sensor based on thermal conductivity
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STC31-C-R5 Datasheet(HTML) 13 Page - Sensirion AG Switzerland

Back Button STC31-C-R5 Datasheet HTML 9Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 10Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 11Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 12Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 13Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 14Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 15Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 16Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 17Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.sensirion.com / D1
Version 3.3 – November 2024
13 / 23
By default, no filter is applied to the data. If smoothing is desired, the following command(s) must be executed
once upon starting the sensor. When enabled, the filter is applied for all subsequent concentration
measurements.
Please note:
•
Both filters can be activated at the same time (chained) for stronger smoothing.
•
Forced recalibration (section 3.3.7) can only benefit from this filtering if sufficient measurement points
have been taken before executing the FRC.
•
The response time (specified in section 1.1) will increase if a noise filter is applied.
•
Filtering will not function if the sensor is put to sleep between each concentration measurement, as
the last output value is lost.
3.3.10 Self-test
The self-test command runs an on-chip self-test which takes less than 30ms. It performs a full memory integrity
check and checks that the operating voltage is within specifications.
Command
Command code (hex)
Consecutive read
Description
Self-test
0x365B
Byte1: Self-test 8msb
Byte2: Self-test 8lsb
Byte3: CRC
The sensor will run an on-chip self-
test. A successful self-test will return
b00 for the two least significant bits.
The self-test errors are decoded as follows:
Bits
Error State
1:0
Memory error
9:2
For debugging only
15:10
Always 0
In case of a memory error, the sensor should be soft reset and the self-test should be repeated. If the
problem persists, the supply voltage should be cycled to trigger a Power-on-Reset and the self-test should
be repeated. If then the problem persists, measurement results might be compromised.
Bits 9:2 should only be considered during design-in and is for debugging purposes.
During design-in and debugging, the self-test should be performed during stable conditions, i.e. stable and
noise free supply voltage, and a stable pressure, humidity and temperature. If one or more bits return 1,
contact Sensirion for support.
3.3.11 Soft reset
Command
I2C address + W
bit + command
code (hex)
Consecutive
read
Description
General call reset
0x0006
NA
This sequence resets the sensor with a separate
reset block, which is as much as possible
detached from the rest of the system on chip.
Note that the I2C address is 0x00, which is the
general call address, and that the command is 8
bit. The reset is implemented according to the
I2C specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com