Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC31-C-R5 Datasheet(PDF) 16 Page - Sensirion AG Switzerland

Part # STC31-C-R5
Description  Smart CO2 sensor based on thermal conductivity
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STC31-C-R5 Datasheet(HTML) 16 Page - Sensirion AG Switzerland

Back Button STC31-C-R5 Datasheet HTML 12Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 13Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 14Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 15Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 16Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 17Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 18Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 19Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 20Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
www.sensirion.com / D1
Version 3.3 – November 2024
16 / 23
3.3.15 Read product identifier
During assembly and start-up of the device it might be required to check some basic parameters in the sensor
- for example to check if the correct sensor is integrated.
The product identifier and serial number can be read out after sending a sequence of two commands.
Command
Command
code (hex)
Consecutive read
Description
Read product
identifier
0x367C
0xE102
Byte1: Product number
[31:24]
Byte2: Product number
[23:16]
Byte3: CRC
Byte4: Product number [15:8]
Byte5: Product number [7:0]
Byte6: CRC
Byte7: Serial number [63:56]
Byte8: Serial number [55:48]
Byte9: CRC
Byte10: Serial number [47:40]
Byte11: Serial number [39:32]
Byte12: CRC
Byte13: Serial number [31:24]
Byte14: Serial number [23:16]
Byte15: CRC
Byte16: Serial number [15:8]
Byte17: Serial number [7:0]
Byte18: CRC
Note that both commands need to be
preceded with an I2C write header
(I2C address + W).
The second command returns:
-
32-bit unique product and
revision number. The number
is listed in the table below.
Note that the last 8 bits are
the revision number and can
be subject to change.
-
64-bit unique serial number
as ASCII representation of the
serial number on the sensor.
Product
Product number
STC31-C
0x08010304
3.4 Checksum calculation
The checksum byte is generated by a CRC algorithm with the following properties:
Property
Value
Name
CRC-8
Protected data
read data
Width
8 bit
Polynomial
0x31 (x8 + x5 + x4 +1)
Initialization
0xFF
Reflect input
False
Reflect output
False
Final XOR
0x00
Example
CRC(0xBEEF) = 0x92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com