Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC31-C-R5 Datasheet(PDF) 21 Page - Sensirion AG Switzerland

Part # STC31-C-R5
Description  Smart CO2 sensor based on thermal conductivity
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STC31-C-R5 Datasheet(HTML) 21 Page - Sensirion AG Switzerland

Back Button STC31-C-R5 Datasheet HTML 15Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 16Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 17Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 18Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 19Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 20Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 21Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 22Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 23Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
www.sensirion.com / D1
Version 3.3 – November 2024
21 / 23
7
Product revision notice
The development the STC family has resulted in major advances and a new
measurement mode with superior cross sensitivity performance is introduced with
the 2024 release of the STC31-C.
The STC31-C can be identified visually by the laser marking on the package: STC31
”C”. The previously available version of the STC31 was marked with an “A”.
Changes are:
•
Introduction of the new standard measurement mode (low-cross-sensitivity) with significantly reduced
cross sensitivity to changes in the humidity and oxygen content of the air. The legacy measurement
mode (low-noise) is still available with unchanged measurement command for backward compatibility
(see below).
•
Applies to the new standard low-cross-sensitivity measurement mode:
•
General improvements of the temperature and pressure sensitivity.
•
Improved characterization of the impact of concentration, temperature, humidity and
pressure on the measurement accuracy. See section 1.1.
•
Characterization of the sensitivity to errors in the compensation inputs (T, RH, p). See section
2.
•
Extension of the low concentration range from 0-25% to 0-40% CO2.
•
The new standard measurement mode (low-cross-sensitivity) has more noise on the individual
measurement than the low-noise measurement mode. This can be resolved by averaging
multiple measurements or using the filter setting.
•
Detailed characterization of the temperature sensor accuracy. See section 2.2.
•
Increased absolute minimum and maximum temperature ranges. See section 2.7.
•
In contrast to STC31, STC31-C’s center pad is not connected to ground, and it is recommended to
solder it to ground and not let it floating.
Backward compatibility:
•
The STC31-C is fully backward compatible to the STC31.
•
There are no changes in the physical properties of the component and shipping package.
•
There are no changes in the electrical interface or digital communication.
•
The new standard measurement mode (low-cross-sensitivity) is now available under a new
measurement command argument (see section 3.3.2) and does not overwrite the legacy measurement
mode (low-noise).
•
The low-noise measurement mode remains available with the same measurement command argument
and there is no change of the communication required to continue using it when transitioning from
STC31 to STC31-C.
•
The new measurement mode (low-cross-sensitity) seems to perform better for all applications known
to us. We recommend all customers to evaluate it. However, no end of life of the old measurement
mode is planned.
•
The unchanged specifications for the low-noise mode are provided unchanged in section 1.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com